Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HC698M1R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC698M1R
Description  HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER 3-STATE HC696/698 U/D DECADE COUNTER/REGISTER 3-STATE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC698M1R Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC698M1R Datasheet HTML 1Page - STMicroelectronics M54HC698M1R Datasheet HTML 2Page - STMicroelectronics M54HC698M1R Datasheet HTML 3Page - STMicroelectronics M54HC698M1R Datasheet HTML 4Page - STMicroelectronics M54HC698M1R Datasheet HTML 5Page - STMicroelectronics M54HC698M1R Datasheet HTML 6Page - STMicroelectronics M54HC698M1R Datasheet HTML 7Page - STMicroelectronics M54HC698M1R Datasheet HTML 8Page - STMicroelectronics M54HC698M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
M54/74HC696/697
M54/74HC698/699
March 1993
HC697/699 U/D 4 BIT BINARY COUNTER/REGISTER (3-STATE)
HC696/698 U/D DECADE COUNTER/REGISTER (3-STATE)
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
fMAX = 50 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS (for QA to QD)
10 LSTTL LOADS (for RCO)
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 6 mA (MIN.) FOR QA TO QD
|IOH|= IOL = 4 mA (MIN.) FOR RCO OUTPUT
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH LSTTL 54/74LS696/697/698/699
DESCRIPTION
The HC696/697 are high speed CMOS up/down
counters fabricated with silicon gate C
2MOS
technology. They achieve the high speed operation
similar to equivalent LSTTL while maintaining the
CMOS low power dissipation. The HC696/698 are
BCD DECADE COUNTER, and the HC697/699 are
4-BIT BINARY COUNTER. Both devices have
register.
They count on the positive edge of the counter clock
input (CCK) when selected by the ”Counter Mode”.
If the input U/D is held ”H”, the internal counter
counts up, and held ”L”, counts down. The internal
counter’s outputs are stored in the output register at
the positive edge of register clock (RCK).
The counter features enable P and enable T and a
ripple-carry
output
for
easy
expansion.
the
register/counter select input, R/C, selects the
counter when low or the register when high for the
three state outputs, QA, QB, Qc and QD.
Both the counter clock CCK and register clock RCK
are positive-edge triggered. The counter clear
CCLR is active low and is synchronous for
HC698/699, and asynchronous for HC696/697.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
1/22


Similar Part No. - M54HC698M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC690 STMICROELECTRONICS-M54HC690 Datasheet
433Kb / 23P
   HC691/693 4 BIT BINARY COUNTER/REGISTER 3-STATE HC690/692 DECADE COUNTER/REGISTER 3-STATE
M54HC690B1R STMICROELECTRONICS-M54HC690B1R Datasheet
433Kb / 23P
   HC691/693 4 BIT BINARY COUNTER/REGISTER 3-STATE HC690/692 DECADE COUNTER/REGISTER 3-STATE
M54HC690C1R STMICROELECTRONICS-M54HC690C1R Datasheet
433Kb / 23P
   HC691/693 4 BIT BINARY COUNTER/REGISTER 3-STATE HC690/692 DECADE COUNTER/REGISTER 3-STATE
M54HC690F1R STMICROELECTRONICS-M54HC690F1R Datasheet
433Kb / 23P
   HC691/693 4 BIT BINARY COUNTER/REGISTER 3-STATE HC690/692 DECADE COUNTER/REGISTER 3-STATE
M54HC690M1R STMICROELECTRONICS-M54HC690M1R Datasheet
433Kb / 23P
   HC691/693 4 BIT BINARY COUNTER/REGISTER 3-STATE HC690/692 DECADE COUNTER/REGISTER 3-STATE
More results

Similar Description - M54HC698M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC690 STMICROELECTRONICS-M54HC690 Datasheet
433Kb / 23P
   HC691/693 4 BIT BINARY COUNTER/REGISTER 3-STATE HC690/692 DECADE COUNTER/REGISTER 3-STATE
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
   8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
logo
Nexperia B.V. All right...
74HC590 NEXPERIA-74HC590 Datasheet
295Kb / 18P
   8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
logo
NXP Semiconductors
74HC590 NXP-74HC590 Datasheet
543Kb / 21P
   8-bit binary counter with output register; 3-state
Rev. 02-28 April 2009
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
STMicroelectronics
M74HC590 STMICROELECTRONICS-M74HC590 Datasheet
1,019Kb / 15P
   8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
M54HC590 STMICROELECTRONICS-M54HC590 Datasheet
827Kb / 16P
   RAD-HARD 8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com