Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM3-914-17-ANT Datasheet(PDF) 11 Page - Radiometrix Ltd

Part # RPM3-914-17-ANT
Description  UHF Radio Packet Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3-914-17-ANT Datasheet(HTML) 11 Page - Radiometrix Ltd

Back Button RPM3-914-17-ANT Datasheet HTML 7Page - Radiometrix Ltd RPM3-914-17-ANT Datasheet HTML 8Page - Radiometrix Ltd RPM3-914-17-ANT Datasheet HTML 9Page - Radiometrix Ltd RPM3-914-17-ANT Datasheet HTML 10Page - Radiometrix Ltd RPM3-914-17-ANT Datasheet HTML 11Page - Radiometrix Ltd RPM3-914-17-ANT Datasheet HTML 12Page - Radiometrix Ltd RPM3-914-17-ANT Datasheet HTML 13Page - Radiometrix Ltd RPM3-914-17-ANT Datasheet HTML 14Page - Radiometrix Ltd RPM3-914-17-ANT Datasheet HTML 15Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 11
SLOTS: Setting the throughput to SLOTS provides a method of opening about 85ms ‘time slots’ for other
RPM3 pairs operating in close proximity. The effective streaming on-air throughput between a pair of
RPM3 is effectively reduced to approximately 3.6kbps (with/without ACK).
Figure 10: RPM3 operating in slots throughput mode with ACK for each transmission
SLOTSW: This setting effectively widens the SLOTS to about 185ms, reducing the over-air
throughput to approximately 1.8kbps (with/without ACK). It allows more RPM3 pairs to share
the same frequency. Host should obey CTS flow control signal from RPM3 when using SLOTS or
SLOTSW mode.
Figure 11: RPM3 operating in slotsw throughput mode
Overall throughput of the RPM3 is fixed according to thruput mode selected. Effective throughput will
vary according to the file transfer protocol used. ZMODEM is the most popular and fastest protocol but it
still adds its own header, CRC, link control bits to the data packet being transmitted reducing the actual
throughput.


Similar Part No. - RPM3-914-17-ANT

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPM3.3-1.0 RECOM-RPM3.3-1.0 Datasheet
1Mb / 8P
   1 Amp Single Output
RPM3.3-1.0-EVM-1 RECOM-RPM3.3-1.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM3.3-2.0 RECOM-RPM3.3-2.0 Datasheet
1Mb / 8P
   2 Amp Single Output
RPM3.3-2.0-EVM-1 RECOM-RPM3.3-2.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM3.3-3.0 RECOM-RPM3.3-3.0 Datasheet
1Mb / 8P
   3 Amp Single Output
More results

Similar Description - RPM3-914-17-ANT

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
RPC2A RADIOMETRIX-RPC2A Datasheet
898Kb / 27P
   UHF Radio Packet Controller
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
   UHF NBFM RS232 radio modem
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com