Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V29C51000B-90P Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V29C51000B-90P
Description  512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29C51000B-90P Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V29C51000B-90P Datasheet HTML 1Page - Mosel Vitelic, Corp V29C51000B-90P Datasheet HTML 2Page - Mosel Vitelic, Corp V29C51000B-90P Datasheet HTML 3Page - Mosel Vitelic, Corp V29C51000B-90P Datasheet HTML 4Page - Mosel Vitelic, Corp V29C51000B-90P Datasheet HTML 5Page - Mosel Vitelic, Corp V29C51000B-90P Datasheet HTML 6Page - Mosel Vitelic, Corp V29C51000B-90P Datasheet HTML 7Page - Mosel Vitelic, Corp V29C51000B-90P Datasheet HTML 8Page - Mosel Vitelic, Corp V29C51000B-90P Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
MOSEL VITELIC
V29C51000T/V29C51000B
V29C51000T/V29C51000B Rev. 0.5 October 2000
Absolute Maximum Ratings(1)
NOTE:
1.
Stress greater than those listed unders “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2.
No more than one output maybe shorted at a time and not exceeding one second long.
DC Electrical Characteristics
(over the commercial operating range)
Symbol
Parameter
Commercial
Unit
VIN
Input Voltage (input or I/O pins)
-2 to +7
V
VIN
Input Voltage (A9 pin, OE)
-2 to +13
V
VCC
Power Supply Voltage
-0.5 to +5.5
V
TSTG
Storage Temerpature (Plastic)
-65 to +125
°C
TOPR
Operating Temperature
0 to +70
°C
IOUT
Short Circuit Current(2)
200 (Max.)
mA
Parameter
Name
Parameter
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage
VCC = VCC Min.
0.8
V
VIH
Input HIGH Voltage
VCC = VCC Max.
2
V
IIL
Input Leakage Current
VIN = GND to VCC, VCC = VCC Max.
±1
µA
IOL
Output Leakage Current
VOUT = GND to VCC, VCC = VCC Max.
±1
µA
VOL
Output LOW Voltage
VCC = VCC Min., IOL = 2.1mA
0.4
V
VOH
Output HIGH Voltage
VCC = VCC Min, IOH = -400µA
2.4
V
ICC1
Read Current
CE = OE = VIL, WE = VIH, all I/Os open,
Address input = VIL/VIH, at f = 1/tRC Min.,
VCC = VCC Max.
40
mA
ICC2
Program Current
CE = WE = VIL, OE = VIH, VCC = VCC Max.
50
mA
ISB
TTL Standby Current
CE = OE = WE = VIH, VCC = VCC Max.
2mA
ISB1
CMOS Standby Current
CE = OE = WE = VCC – 0.3V, VCC = VCC Max.
100
µA
VH
Device ID Voltage for A9
CE = OE = VIL, WE = VIH
11.5
12.5
V
IH
Device ID Current for A9
CE = OE = VIL, WE = VIH, A9 = VH Max.
50
µA


Similar Part No. - V29C51000B-90P

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51001B MOSEL-V29C51001B Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-45J MOSEL-V29C51001B-45J Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-45P MOSEL-V29C51001B-45P Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-45T MOSEL-V29C51001B-45T Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-70J MOSEL-V29C51001B-70J Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - V29C51000B-90P

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51000 MOSEL-V29LC51000 Datasheet
52Kb / 12P
   512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
logo
List of Unclassifed Man...
F29C51001 ETC1-F29C51001 Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
logo
AMIC Technology
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com