Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXM-UHF Datasheet(PDF) 7 Page - Radiometrix Ltd

Part # RXM-UHF
Description  UHF Radio Telemetry Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RXM-UHF Datasheet(HTML) 7 Page - Radiometrix Ltd

  RXM-UHF Datasheet HTML 1Page - Radiometrix Ltd RXM-UHF Datasheet HTML 2Page - Radiometrix Ltd RXM-UHF Datasheet HTML 3Page - Radiometrix Ltd RXM-UHF Datasheet HTML 4Page - Radiometrix Ltd RXM-UHF Datasheet HTML 5Page - Radiometrix Ltd RXM-UHF Datasheet HTML 6Page - Radiometrix Ltd RXM-UHF Datasheet HTML 7Page - Radiometrix Ltd RXM-UHF Datasheet HTML 8Page - Radiometrix Ltd RXM-UHF Datasheet HTML 9Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Radiometrix Ltd, RXM-UHF Data Sheet
page 7
ANTENNA TYPES
Any of the integral antenna shown in the data sheet for the transmitter module (TXM-418-5) is suitable
for use on the receiver. Additionally a coax fed external dipole or ¼ wave ground plane antenna may be
considered if system range is paramount. A 2.2kΩ resistor wired across the coax at the antenna end
will allow tamper detection (cutting) of the coax using at the tamper sense facility in the receive module;
pin 8 will go low if the coax is cut.
DATA SLICER
A CMOS compatible data output is available on pin 6, this output is normally used to drive a digital
decoder IC or a microprocessor which is performing the data decoding. The signal detect output on pin
11 may be used to gate the data output before it is supplied to a decoder, however this should only be
done on systems with ‘weak’ digital coding i.e where there is a danger of the decoder giving false
outputs on the ‘noise data’ which is present on pin 6 when no valid signals are being received. Systems
with good CRC, checksum or repeat code verification will not require the ‘noise data’ to be gated off and
as a result will be able to decode weaker signals (ie greater range).
The data detect output on pin 11 is normally used for duty cycle power saving for portable equipment
where battery life is a problem. By pulsing the receiver on/off the average supply current may often be
reduced by a factor of 20 or more depending upon the system requirements, the data detect output is
valid 5ms after application of the supply and is used to inhibit the power saving while data decoding is
done.
The data slicer in the receiver module is designed to accept data with a wide range of pulse widths and
mark: space ratio’s. The voltage waveform on pin 4 (AF) is fed to 2 peak detectors, one +ve, one -ve and
a comparator threshold is set half way between the max and min voltage, a small amount of hysterisis is
applied. The data on pin 6 is the output of this comparator.
The date slicer has a transient response time, this is the settling time/hold time of the peak detectors. It
is programmable by an external resistor between pin 5 & 7 (min & max). With no resistor fitted
(normal use) the data slicer settles in approx 300ms from reception of a coded signal (ie the first 300ms
of signal may be corrupt at the data output) and will pass pulse widths up to 50 ms of continuous 1 or 0.
A resistor between pin’s 5 & 7 shortens these time ie
Resistor Value
(pin 5 to 7)
Code Preamble
(minimum length)
Longest 1 or 0 allowed
Open Circuit
300ms
50ms
1 MΩ
150ms
25ms
220 kΩ
30ms
5ms
47 kΩ
7.5ms
1.3ms


Similar Part No. - RXM-UHF

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
RXM-315-KH3 LINX-RXM-315-KH3 Datasheet
1Mb / 19P
   KH3 Series Receiver Module
2014
RXM-315-KH3 LINX-RXM-315-KH3 Datasheet
1Mb / 19P
   KH3 Series Transmitter Module
2015
logo
List of Unclassifed Man...
RXM-315-LC ETC2-RXM-315-LC Datasheet
368Kb / 11P
   LC SERIES TRANSMITTER MODULE
RXM-315-LC-P ETC2-RXM-315-LC-P Datasheet
380Kb / 9P
   LC SERIES RECEIVER MODULE DATA
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
380Kb / 9P
   LC SERIES RECEIVER MODULE DATA
More results

Similar Description - RXM-UHF

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
SILRX-418-5 RADIOMETRIX-SILRX-418-5 Datasheet
527Kb / 11P
   UHF Radio Telemetry Receiver Module
TXM-433-10 RADIOMETRIX-TXM-433-10 Datasheet
336Kb / 11P
   UHF Radio Telemetry Transmit Module
logo
rfsolutions.ltd
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
DS-ZULUT RFSOLUTIONS-DS-ZULUT Datasheet
3Mb / 17P
   Smart Radio Telemetry Module
200-433FR RFSOLUTIONS-200-433FR Datasheet
396Kb / 11P
   Modular Radio Telemetry System
logo
SparkFun Electronics
WRL-15007 SPARKFUN-WRL-15007 Datasheet
84Kb / 2P
   Pixhawk Radio Telemetry Kit
11-12-18
logo
Texas Instruments
TRF1400 TI-TRF1400 Datasheet
517Kb / 19P
[Old version datasheet]   RF TELEMETRY RECEIVERS VHF/UHF RZ ASK REMOTE CONTROL RECEIVER
logo
List of Unclassifed Man...
MRX-005S ETC2-MRX-005S Datasheet
268Kb / 9P
   UHF AM RECEIVER MODULE
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
   Professional LoRa Telemetry Radio System
DS-BRAVO-E RFSOLUTIONS-DS-BRAVO-E Datasheet
1Mb / 12P
   SmartRadio Telemetry Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com