Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM1-173.250-3-HP Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # RPM1-173.250-3-HP
Description  VHF Radio Packet Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM1-173.250-3-HP Datasheet(HTML) 3 Page - Radiometrix Ltd

  RPM1-173.250-3-HP Datasheet HTML 1Page - Radiometrix Ltd RPM1-173.250-3-HP Datasheet HTML 2Page - Radiometrix Ltd RPM1-173.250-3-HP Datasheet HTML 3Page - Radiometrix Ltd RPM1-173.250-3-HP Datasheet HTML 4Page - Radiometrix Ltd RPM1-173.250-3-HP Datasheet HTML 5Page - Radiometrix Ltd RPM1-173.250-3-HP Datasheet HTML 6Page - Radiometrix Ltd RPM1-173.250-3-HP Datasheet HTML 7Page - Radiometrix Ltd RPM1-173.250-3-HP Datasheet HTML 8Page - Radiometrix Ltd RPM1-173.250-3-HP Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Radiometrix Ltd.
VHF Narrow Band FM Radio Packet Modem
page 3
1.1 OPERATING STATES
The RADIO PACKET MODEM has three normal operating states:
• SHUTDOWN
• STANDBY
• CONNECTED
SHUTDOWN
The SHUTDOWN state is entered by asserting the WAKE/DTR input pin high (Vcc). It effectively
forces the RPM1 into a suspended state. Communications cannot be made with the RPM1 in this
state. WAKE/DTR pin should be pulled Low by host or connected to 0V to Enable the RPM1.
STANDBY
Immediately after power up and during normal operation, the RPM1 will automatically enter
standby mode where it is waiting for a connection request from a remote RPM1 module.
While in this mode a remote connection request can be received which will place the RPM1 into a
connected state allowing it to then start receiving data from the remote unit. The connected host
device can also send data to the RPM1 via the serial interface which will force the module to send
a connection request to the remote RPM1 module, thus effectively setting up a logical connection
between two units and allowing data to be transferred.
CONNECTED
On receipt of a connection request from a remote unit, the RPM1 immediately enters a connected
state. This effectively allows the RPM1 modems to start sending and receiving data.
In-coming data is sent to the host via the serial port in the same form as it was given to the
remote RPM1 module.
Figure 4: RPM1 transmitting data at 5.3kbps during ZMODEM file transfer to a remote RPM1


Similar Part No. - RPM1-173.250-3-HP

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RPM10 EXTECH-RPM10 Datasheet
176Kb / 8P
   Laser Photo / Contact Tachometer with IR Thermometer
logo
Schneider Electric
RPM11B7 SCHNEIDER-RPM11B7 Datasheet
190Kb / 6P
   Harmony, Power plug-in relay, 15 A, 1 CO, with lockable test button, 24 V AC
RPM11BD SCHNEIDER-RPM11BD Datasheet
190Kb / 6P
   Harmony, Power plug-in relay, 15 A, 1 CO, with lockable test button, 24 V DC
RPM11E7 SCHNEIDER-RPM11E7 Datasheet
190Kb / 6P
   Harmony, Power plug-in relay, 15 A, 1 CO, with lockable test button, 48 V AC
RPM11ED SCHNEIDER-RPM11ED Datasheet
190Kb / 6P
   Harmony, Power plug-in relay, 15 A, 1 CO, with lockable test button, 48 V DC
More results

Similar Description - RPM1-173.250-3-HP

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
M48-169-BIM1H RADIOMETRIX-M48-169-BIM1H Datasheet
476Kb / 11P
   VHF 500mW RS232 radio modem
M48-144-SHX1 RADIOMETRIX-M48-144-SHX1 Datasheet
311Kb / 11P
   500mW VHF NBFM multi channel radio modem
RPC-UHF RADIOMETRIX-RPC-UHF Datasheet
710Kb / 28P
   Radio Packet Controller
CPX2 RADIOMETRIX-CPX2 Datasheet
108Kb / 7P
   2700 baud wireless packet modem
FRPC2 RADIOMETRIX-FRPC2 Datasheet
772Kb / 27P
   Fast Radio Packet Controller
RPC2A RADIOMETRIX-RPC2A Datasheet
898Kb / 27P
   UHF Radio Packet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com