Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM1-173.225-3 Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # RPM1-173.225-3
Description  VHF Radio Packet Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM1-173.225-3 Datasheet(HTML) 1 Page - Radiometrix Ltd

  RPM1-173.225-3 Datasheet HTML 1Page - Radiometrix Ltd RPM1-173.225-3 Datasheet HTML 2Page - Radiometrix Ltd RPM1-173.225-3 Datasheet HTML 3Page - Radiometrix Ltd RPM1-173.225-3 Datasheet HTML 4Page - Radiometrix Ltd RPM1-173.225-3 Datasheet HTML 5Page - Radiometrix Ltd RPM1-173.225-3 Datasheet HTML 6Page - Radiometrix Ltd RPM1-173.225-3 Datasheet HTML 7Page - Radiometrix Ltd RPM1-173.225-3 Datasheet HTML 8Page - Radiometrix Ltd RPM1-173.225-3 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Radiometrix Ltd.
VHF Narrow Band FM Radio Packet Modem
page 1
The VHF Radio Packet Modem (RPM1) is a low cost intelligent radio packet modem
that enables a two way radio network/link to be simply implemented between a
number of digital devices. The RPM1 uses addressable data packets with error
checking, packet acknowledgements and retransmissions to achieve a reliable
transparent wireless data link. Built for ease of use and rapid installation, the serial
interface ensures direct connection to microprocessors or to RS232 port via RS232
driver while remote configuration enables post installation setup of the modem.
Features
Addressable point
Addressable point
Addressable point
Addressable point-
--
-to
to
to
to-
--
-point
point
point
point
Point
Point
Point
Point-
--
-to
to
to
to-
--
-Multipoint and broadcast modes
Multipoint and broadcast modes
Multipoint and broadcast modes
Multipoint and broadcast modes
Inverted RS232 interface at 5V or 3.3VCMOS level
Inverted RS232 interface at 5V or 3.3VCMOS level
Inverted RS232 interface at 5V or 3.3VCMOS level
Inverted RS232 interface at 5V or 3.3VCMOS level
DTE speed 600
DTE speed 600
DTE speed 600
DTE speed 600-
--
-115200bps
115200bps
115200bps
115200bps
Overall throughput: 3.7kbps wi
Overall throughput: 3.7kbps wi
Overall throughput: 3.7kbps wi
Overall throughput: 3.7kbps with ACK
th ACK
th ACK
th ACK
5.3kbps without ACK
5.3kbps without ACK
5.3kbps without ACK
5.3kbps without ACK
Single 5V or 3.3V (10mW max) supply
Single 5V or 3.3V (10mW max) supply
Single 5V or 3.3V (10mW max) supply
Single 5V or 3.3V (10mW max) supply
Flow control
Flow control
Flow control
Flow control –––– Hardware (CTS), None
Hardware (CTS), None
Hardware (CTS), None
Hardware (CTS), None
Usable range over 1km
Usable range over 1km
Usable range over 1km
Usable range over 1km
Built
Built
Built
Built-
--
-in command line configuration
in command line configuration
in command line configuration
in command line configuration
Built
Built
Built
Built-
--
-in RF link diagnostics
in RF link diagnostics
in RF link diagnostics
in RF link diagnostics
Remote over
Remote over
Remote over
Remote over-
--
-air unit configuration
air unit configuration
air unit configuration
air unit configuration
Low operating curr
Low operating curr
Low operating curr
Low operating current, Auto standby mode
ent, Auto standby mode
ent, Auto standby mode
ent, Auto standby mode
Conforms to European ETSI EN 300 220
Conforms to European ETSI EN 300 220
Conforms to European ETSI EN 300 220
Conforms to European ETSI EN 300 220-
--
-3 and EN 301 489
3 and EN 301 489
3 and EN 301 489
3 and EN 301 489-
--
-3 (at 10mW)
3 (at 10mW)
3 (at 10mW)
3 (at 10mW)
Conforms to Australian/New Zealand AS/NZS 4268:2003 (at 100mW)
Conforms to Australian/New Zealand AS/NZS 4268:2003 (at 100mW)
Conforms to Australian/New Zealand AS/NZS 4268:2003 (at 100mW)
Conforms to Australian/New Zealand AS/NZS 4268:2003 (at 100mW)
Dimensions: 39mm X 23mm X 15mm
Dimensions: 39mm X 23mm X 15mm
Dimensions: 39mm X 23mm X 15mm
Dimensions: 39mm X 23mm X 15mm
Available as RPM1T transmitter and RPM1R receiver for one way com
Available as RPM1T transmitter and RPM1R receiver for one way com
Available as RPM1T transmitter and RPM1R receiver for one way com
Available as RPM1T transmitter and RPM1R receiver for one way communication
munication
munication
munication
Applications
GPS (NMEA) position reporting
GPS (NMEA) position reporting
GPS (NMEA) position reporting
GPS (NMEA) position reporting
Telemetry and telecontrol
Telemetry and telecontrol
Telemetry and telecontrol
Telemetry and telecontrol
EPOS equipment, barcode scanners, belt clip printers, stock control, job allocation
EPOS equipment, barcode scanners, belt clip printers, stock control, job allocation
EPOS equipment, barcode scanners, belt clip printers, stock control, job allocation
EPOS equipment, barcode scanners, belt clip printers, stock control, job allocation
Remote data acquisition system, data loggers
Remote data acquisition system, data loggers
Remote data acquisition system, data loggers
Remote data acquisition system, data loggers
In
In
In
In-
--
-building, environmental monitorin
building, environmental monitorin
building, environmental monitorin
building, environmental monitoring and control systems
g and control systems
g and control systems
g and control systems
High
High
High
High-
--
-end security and alarm signalling
end security and alarm signalling
end security and alarm signalling
end security and alarm signalling
Automated Monitoring and Control Systems
Automated Monitoring and Control Systems
Automated Monitoring and Control Systems
Automated Monitoring and Control Systems
Fleet management, vehicle data acquisition
Fleet management, vehicle data acquisition
Fleet management, vehicle data acquisition
Fleet management, vehicle data acquisition
VHF Radio Packet Modem
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
Issue 1, 27 April 2007
RPM1
NE
W
Figure 1: RPM1-173.250-3
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233


Similar Part No. - RPM1-173.225-3

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RPM10 EXTECH-RPM10 Datasheet
176Kb / 8P
   Laser Photo / Contact Tachometer with IR Thermometer
logo
Schneider Electric
RPM11B7 SCHNEIDER-RPM11B7 Datasheet
190Kb / 6P
   Harmony, Power plug-in relay, 15 A, 1 CO, with lockable test button, 24 V AC
RPM11BD SCHNEIDER-RPM11BD Datasheet
190Kb / 6P
   Harmony, Power plug-in relay, 15 A, 1 CO, with lockable test button, 24 V DC
RPM11E7 SCHNEIDER-RPM11E7 Datasheet
190Kb / 6P
   Harmony, Power plug-in relay, 15 A, 1 CO, with lockable test button, 48 V AC
RPM11ED SCHNEIDER-RPM11ED Datasheet
190Kb / 6P
   Harmony, Power plug-in relay, 15 A, 1 CO, with lockable test button, 48 V DC
More results

Similar Description - RPM1-173.225-3

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
M48-169-BIM1H RADIOMETRIX-M48-169-BIM1H Datasheet
476Kb / 11P
   VHF 500mW RS232 radio modem
M48-144-SHX1 RADIOMETRIX-M48-144-SHX1 Datasheet
311Kb / 11P
   500mW VHF NBFM multi channel radio modem
RPC-UHF RADIOMETRIX-RPC-UHF Datasheet
710Kb / 28P
   Radio Packet Controller
CPX2 RADIOMETRIX-CPX2 Datasheet
108Kb / 7P
   2700 baud wireless packet modem
FRPC2 RADIOMETRIX-FRPC2 Datasheet
772Kb / 27P
   Fast Radio Packet Controller
RPC2A RADIOMETRIX-RPC2A Datasheet
898Kb / 27P
   UHF Radio Packet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com