Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPC-000-SO Datasheet(PDF) 9 Page - Radiometrix Ltd

Part # RPC-000-SO
Description  UHF Radio Packet Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPC-000-SO Datasheet(HTML) 9 Page - Radiometrix Ltd

Back Button RPC-000-SO Datasheet HTML 5Page - Radiometrix Ltd RPC-000-SO Datasheet HTML 6Page - Radiometrix Ltd RPC-000-SO Datasheet HTML 7Page - Radiometrix Ltd RPC-000-SO Datasheet HTML 8Page - Radiometrix Ltd RPC-000-SO Datasheet HTML 9Page - Radiometrix Ltd RPC-000-SO Datasheet HTML 10Page - Radiometrix Ltd RPC-000-SO Datasheet HTML 11Page - Radiometrix Ltd RPC-000-SO Datasheet HTML 12Page - Radiometrix Ltd RPC-000-SO Datasheet HTML 13Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Radiometrix Ltd, RPC2A
page 9
2.2.2 SENDING AND RECEIVING DATA PACKETS
Data packets are sent to / received from remote RPC2A’s. They begin with a control byte with bit 7
cleared and may be of variable length and contain up to 27 bytes of user determined data.
The remainder of the bytes in the data packet are of the users determination.
The packet would usually be made up of a number of fields consisting of some
but not necessarily all of the following :-
Source address / ID
Destination address / ID
System ID
Packet count
Encryption / Scrambler control
Additional error check codes ( The RPC2A performs it's own error checks)
Routing information ( for repeaters)
Link control codes (connect/disconnect/ACK/NAK etc.)
Data field
2.2.3 RPC2A MEMORY ACCESS
The RPC2A’s EEPROM memory can be accessed by setting bit 7 in the control byte. Bit 6 (R/W flag)
defines a memory read or write. The bits left define the address.
Write to memory
Read from memory
10
Address (6 bit)
0
7
6
RPC2A
RPC2A
Data Byte
Control Byte
Data byte
0
7
10
Address (6 bit)
0
7
6
Control Byte
figure 9: Control byte for data packet
figure 10: RPC2A memory access


Similar Part No. - RPC-000-SO

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
RPC-03005 MICRO-ELECTRONICS-RPC-03005 Datasheet
443Kb / 3P
   LINEARITYI WIDTH COIL FOR VIDEO DISPLAY
RPC-03100 MICRO-ELECTRONICS-RPC-03100 Datasheet
443Kb / 3P
   LINEARITYI WIDTH COIL FOR VIDEO DISPLAY
RPC-05025 MICRO-ELECTRONICS-RPC-05025 Datasheet
443Kb / 3P
   LINEARITYI WIDTH COIL FOR VIDEO DISPLAY
RPC-05400 MICRO-ELECTRONICS-RPC-05400 Datasheet
443Kb / 3P
   LINEARITYI WIDTH COIL FOR VIDEO DISPLAY
More results

Similar Description - RPC-000-SO

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
RPC-UHF RADIOMETRIX-RPC-UHF Datasheet
710Kb / 28P
   Radio Packet Controller
FRPC2 RADIOMETRIX-FRPC2 Datasheet
772Kb / 27P
   Fast Radio Packet Controller
RPC3G RADIOMETRIX-RPC3G Datasheet
776Kb / 27P
   869/914 MHz Radio Packet Controller
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
logo
Toshiba Semiconductor
1SV239 TOSHIBA-1SV239_07 Datasheet
272Kb / 3P
   VCO for UHF Radio
logo
List of Unclassifed Man...
RC5501 ETC2-RC5501 Datasheet
77Kb / 2P
   UHF Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com