Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRX2-434.650-10 Datasheet(PDF) 9 Page - Radiometrix Ltd

Part # NRX2-434.650-10
Description  UHF Narrow Band FM TX & RX
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

NRX2-434.650-10 Datasheet(HTML) 9 Page - Radiometrix Ltd

Back Button NRX2-434.650-10 Datasheet HTML 3Page - Radiometrix Ltd NRX2-434.650-10 Datasheet HTML 4Page - Radiometrix Ltd NRX2-434.650-10 Datasheet HTML 5Page - Radiometrix Ltd NRX2-434.650-10 Datasheet HTML 6Page - Radiometrix Ltd NRX2-434.650-10 Datasheet HTML 7Page - Radiometrix Ltd NRX2-434.650-10 Datasheet HTML 8Page - Radiometrix Ltd NRX2-434.650-10 Datasheet HTML 9Page - Radiometrix Ltd NRX2-434.650-10 Datasheet HTML 10Page - Radiometrix Ltd NRX2-434.650-10 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Radiometrix Ltd.,
NTX2/NRX2 data sheet
Page 9
A. Helical antenna
B. Loop antenna
RF
C1
C2
C4
C3
RF-GND
C. Whip antenna
16.4cm
RF
0.5 mm enameled copper wire
close wound on 3.2 mm diameter former
433 MHz = 24 turns
Feed point 15% to 25% of total loop length
track width = 1mm
4 to 10 cm inside area
wire, rod, PCB-track or a combination
of these three
433 MHz = 16.4 cm total from RF pin.
2
RF
Figure 7: integral antenna configurations
External antennas
These have several advantages if portability is not an issue, and are essential for long range links.
External antennas can be optimised for individual circumstances and may be mounted in relatively
good RF locations away from sources of interference, being connected to the equipment by coax feeder.
Helical. Of similar dimensions and performance to the integral type mentioned above, commercially-
available helical antennas normally have the coil element protected by a plastic moulding or sleeve and
incorporate a coax connector at one end (usually a straight or right-angle BNC/SMA type). These are
compact and simple to use as they come pre-tuned for a given application, but are relatively inefficient
and are best suited to shorter ranges.
Quarter-wave whip. Again similar to the integral type, the element usually consists of a stainless
steel rod or a wire contained within a semi-flexible moulded plastic jacket. Various mounting options
are available, from a simple BNC/SMA connector to wall brackets, through-panel fixings and magnetic
mounts for temporary attachment to steel surfaces.
A significant improvement in performance is obtainable if the whip is used in conjunction with a metal
ground plane. For best results this should extend all round the base of the whip out to a radius of the
length of the whip used (under these conditions performance approaches that of a half-wave dipole) but
even relatively small metal areas will produce a worthwhile improvement over the whip alone. The
ground plane should be electrically connected to the coax outer at the base of the whip. Magnetic
mounts are slightly different in that they rely on capacitance between the mount and the metal surface
to achieve the same result.
A ground plane can also be simulated by using 3 or 4 quarter-wave radials equally spaced around the
base of the whip, connected at their inner ends to the outer of the coax feed. A better match to a 50
coax feed can be achieved if the elements are angled downwards at approximately 30-40
° to the
horizontal.


Similar Part No. - NRX2-434.650-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NRX0 RADIOMETRIX-NRX0 Datasheet
405Kb / 8P
   27MHz HF Narrow Band FM TX & RX
NRX1 RADIOMETRIX-NRX1 Datasheet
415Kb / 8P
   Low cost VHF Narrow Band FM receiver
NRX1-151.300-10 RADIOMETRIX-NRX1-151.300-10 Datasheet
415Kb / 8P
   Low cost VHF Narrow Band FM receiver
NRX1-169.4125-10 RADIOMETRIX-NRX1-169.4125-10 Datasheet
415Kb / 8P
   Low cost VHF Narrow Band FM receiver
NRX1-173.225-10 RADIOMETRIX-NRX1-173.225-10 Datasheet
415Kb / 8P
   Low cost VHF Narrow Band FM receiver
More results

Similar Description - NRX2-434.650-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NTX2 RADIOMETRIX-NTX2_14 Datasheet
434Kb / 1P
   UHF Narrow Band FM TX & RX
NTX0 RADIOMETRIX-NTX0 Datasheet
405Kb / 8P
   27MHz HF Narrow Band FM TX & RX
NRX0 RADIOMETRIX-NRX0 Datasheet
405Kb / 8P
   27MHz HF Narrow Band FM TX & RX
TX1M RADIOMETRIX-TX1M_14 Datasheet
632Kb / 12P
   VHF Narrow Band FM multi channel TX and RX
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
MTX3 RADIOMETRIX-MTX3 Datasheet
377Kb / 10P
   868MHz band Narrow Band FM sub-miniature TX
TX1H-151.300-10 RADIOMETRIX-TX1H-151.300-10 Datasheet
195Kb / 11P
   VHF Narrow Band FM High Power TX
TX1H RADIOMETRIX-TX1H_14 Datasheet
196Kb / 11P
   VHF Narrow Band FM High Power TX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com