Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIM2-434.075-10 Datasheet(PDF) 8 Page - Radiometrix Ltd

Part # NIM2-434.075-10
Description  UHF Narrow Band Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

NIM2-434.075-10 Datasheet(HTML) 8 Page - Radiometrix Ltd

Back Button NIM2-434.075-10 Datasheet HTML 3Page - Radiometrix Ltd NIM2-434.075-10 Datasheet HTML 4Page - Radiometrix Ltd NIM2-434.075-10 Datasheet HTML 5Page - Radiometrix Ltd NIM2-434.075-10 Datasheet HTML 6Page - Radiometrix Ltd NIM2-434.075-10 Datasheet HTML 7Page - Radiometrix Ltd NIM2-434.075-10 Datasheet HTML 8Page - Radiometrix Ltd NIM2-434.075-10 Datasheet HTML 9Page - Radiometrix Ltd NIM2-434.075-10 Datasheet HTML 10Page - Radiometrix Ltd NIM2-434.075-10 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Radiometrix Ltd.,
NiM2 transceiver data sheet
Page 8
A. Helical antenna
B. Loop antenna
RF
C1
C2
C4
C3
RF-GND
C. Whip antenna
16.4cm
RF
0.5 mm enameled copper wire
close wound on 3.2 mm diameter former
433 MHz = 24 turns
Feed point 15% to 25% of total loop length
track width = 1mm
4 to 10 cm inside area
wire, rod, PCB-track or a combination
of these three
433 MHz = 16.4 cm total from RF pin.
2
RF
Figure 5: integral antenna configurations
Packet data
In general, data to be sent via a radio link is formed into a serial "packet" of the form :-
Preamble - Control - Address - Data - CRC
Where: Preamble:
This is mandatory for the adaptive data slicer in the receiver in the NiM2 to
stabilise. The NiM2 will be stable after 10ms. Additional preamble time may be
desired for decoder bit synchronisation, firmware carrier detection or receiver
wake up.
Control:
The minimum requirement is a single bit or unique bit pattern to
indicate the start of message (frame sync.). Additionally, decoder
information is often placed here such as: packet count, byte count, flow
control bits (e.g. ACK, repeat count), repeater control, scrambler
information etc.
Address:
This information is used for identification purposes and would at least
contain a 16/24 bit source address, additionally - destination address,
site / system code , unit number and repeater address's may be placed
here.
Data:
User data , generally limited to 256 bytes or less (very long packets
should be avoided to minimise repeat overheads on CRC failure and
channel hogging).
CRC:
16/24 Bit CRC or Checksum of control-address-data fields used by the
decoder to verify the integrity of the packet.
The exact makeup of the packet depends upon the system requirements and may involve some complex
air-traffic density statistics to optimise through-put in large networked systems.


Similar Part No. - NIM2-434.075-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NiM2-434.650-10 RADIOMETRIX-NiM2-434.650-10 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
More results

Similar Description - NIM2-434.075-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
List of Unclassifed Man...
TR2M ETC2-TR2M Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
Radiometrix Ltd
TR3M RADIOMETRIX-TR3M Datasheet
454Kb / 10P
   Narrow Band FM Multi-channel UHF Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Radiometrix Ltd
NTX2 RADIOMETRIX-NTX2_14 Datasheet
434Kb / 1P
   UHF Narrow Band FM TX & RX
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
NTX2 RADIOMETRIX-NTX2 Datasheet
259Kb / 11P
   UHF Narrow Band FM TX & RX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com