Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT2-433-5-12K5 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # LMT2-433-5-12K5
Description  UHF Narrow Band FM Low Cost multi channel radio modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

LMT2-433-5-12K5 Datasheet(HTML) 5 Page - Radiometrix Ltd

  LMT2-433-5-12K5 Datasheet HTML 1Page - Radiometrix Ltd LMT2-433-5-12K5 Datasheet HTML 2Page - Radiometrix Ltd LMT2-433-5-12K5 Datasheet HTML 3Page - Radiometrix Ltd LMT2-433-5-12K5 Datasheet HTML 4Page - Radiometrix Ltd LMT2-433-5-12K5 Datasheet HTML 5Page - Radiometrix Ltd LMT2-433-5-12K5 Datasheet HTML 6Page - Radiometrix Ltd LMT2-433-5-12K5 Datasheet HTML 7Page - Radiometrix Ltd LMT2-433-5-12K5 Datasheet HTML 8Page - Radiometrix Ltd LMT2-433-5-12K5 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Radiometrix Ltd
LMT2/LMR2 Data Sheet
page 5
Pin description – LMR2
Pin
Name
Function
1a
Vcc
3.1 – 15V power supply
2a
0V
Ground
3a
RXE
Receiver Enable (active high)
4a
RXD
Data out (open collector, no pullup)
5a
AF out
700mV p-p audio. DC coupled, approx 0.8v bias.`
1b
P0/PGM
Parallel Channel select LSB
Serial frequency programming / configuration1
2b
P1
Parallel Channel select
3b
P2
Parallel Channel select
4b
P3
Parallel Channel select MSB
5b
RSSI
DC level between 0.5v and 2.2v. 60dB dynamic range
NOTES:
1. Serial programming is by an inverted, cmos logic level, 2400 baud RS232 datastream applied to
the P0 pin.
2. Channel select inputs have pullups (50k
Ω) to 3v internal rail. Do not exceed 3v logic levels on
this port.
3. Channel select inputs are active low
4. All pins are on an 0.1" grid
5. Data recovery circuit used for RXD is not a simple 'average and compare' type. It is a peak
sampling quasi-DC coupled design, allowing a greater than usual flexibility in data format.
6. Unit will operate (with marginally reduced specifications) from a 3.0v rail. This must be well
regulated and without noise or ripple, as in this state the unit's internal regulator no longer
operates, and provides no supply rejection.
Figure 5: LMR2 footpint (top view)


Similar Part No. - LMT2-433-5-12K5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMT2-433-5-12K5 ETC2-LMT2-433-5-12K5 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
LMT2-433-5-12k5 RADIOMETRIX-LMT2-433-5-12k5 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
More results

Similar Description - LMT2-433-5-12K5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2_14 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com