Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJV687M010R Datasheet(PDF) 2 Page - AVX Corporation

Part # TAJV687M010R
Description  voltage derating in applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJV687M010R Datasheet(HTML) 2 Page - AVX Corporation

  TAJV687M010R Datasheet HTML 1Page - AVX Corporation TAJV687M010R Datasheet HTML 2Page - AVX Corporation TAJV687M010R Datasheet HTML 3Page - AVX Corporation TAJV687M010R Datasheet HTML 4Page - AVX Corporation TAJV687M010R Datasheet HTML 5Page - AVX Corporation TAJV687M010R Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5
TAJ Series
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)
= Non Preferred code – AVX reserves the right to supply
higher rated voltage parts in the same case size.
Capacitance
Rated voltage (V
R) to 85°C
µF
Code
2V (F)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.10
104
0.15
154
/
0.22
224
/
0.33
334
0.47
474
A
/
0.68
684
A
/
1.0
105
A
A
A/B
C
1.5
155
A
A/B
A/B/C
C/D
2.2
225
A/
A/B
A/B
B/C
D
3.3
335
A/
A/B
/C
B/C
D
4.7
475
A/
A/B
A/B/
B/
B/C/D
D
6.8
685
/
A/
A/B/
B/C
B/C
C/D
D
10
106
/
A/
/
A/B/C
B/C
C/D
C/D
15
156
/
A/
/
A/B/
B/C
B/C/
C/D
C/D
22
226
/
A/
/
/B/
/
B/C/D
B/C/D
C/D
D/E
33
336
A/
A/
/
B/C/
/C/D
C/D
D/E
D
47
476
A
/
B/
/
B/C/
C/D
/D
D
E
68
686
/
B/
/
C/
/D/
D/E
E/V
100
107
B/
/C/
C/D
D/E
/E/V
150
157
B
C/D
/D/E
D
220
227
C/
C/D/
D/E
/E/V
330
337
E
D/E/V
470
477
D/E/V
E/V
680
687
/E
1000
108
1500
158
=InDevelopment


Similar Part No. - TAJV687M010R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJV687*006#NJ AVX-TAJV687*006#NJ Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJV687006NJ AVX-TAJV687006NJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJV687006NJ AVX-TAJV687006NJ Datasheet
124Kb / 5P
   Standard Tantalum
TAJV687006NJ AVX-TAJV687006NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJV687006NJ AVX-TAJV687006NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJV687M010R

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6040 NJSEMI-2N6040 Datasheet
241Kb / 2P
   POWER DERATING
SM3F NJSEMI-SM3F Datasheet
121Kb / 2P
   Derating Curves
logo
Zetex Semiconductors
SM8 ZETEX-SM8 Datasheet
76Kb / 1P
   Thermal Resistance and Derating Information
SOD323 ZETEX-SOD323 Datasheet
93Kb / 1P
   Thermal Resistance and Derating Information
logo
Maxim Integrated Produc...
MAX17531AUBEVKIT MAXIM-MAX17531AUBEVKIT Datasheet
948Kb / 8P
   (μMAX) in 5V Output Voltage Applications
Rev 0; 1/17
logo
Zetex Semiconductors
SOT23-6 ZETEX-SOT23-6 Datasheet
75Kb / 1P
   Thermal Resistance and Derating Information
SOT223 ZETEX-SOT223 Datasheet
218Kb / 1P
   Thermal Resistance and Derating Information
SOT23 ZETEX-SOT23 Datasheet
199Kb / 1P
   Thermal Resistance and Derating Information
SOT323 ZETEX-SOT323 Datasheet
106Kb / 1P
   Thermal Resistance and Derating Information
MSOP8 ZETEX-MSOP8 Datasheet
95Kb / 1P
   Thermal Resistance and Derating Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com