Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HCT137 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HCT137
Description  3 TO 8 LINE DECODER/LATCH INVERTING
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT137 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HCT137 Datasheet HTML 1Page - STMicroelectronics M74HCT137 Datasheet HTML 2Page - STMicroelectronics M74HCT137 Datasheet HTML 3Page - STMicroelectronics M74HCT137 Datasheet HTML 4Page - STMicroelectronics M74HCT137 Datasheet HTML 5Page - STMicroelectronics M74HCT137 Datasheet HTML 6Page - STMicroelectronics M74HCT137 Datasheet HTML 7Page - STMicroelectronics M74HCT137 Datasheet HTML 8Page - STMicroelectronics M74HCT137 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
4.5
8
151922
ns
tPLH
tPHL
Propagation
Delay Time
(G1 - Y)
4.5
17
27
34
41
ns
tPLH
tPHL
Propagation
Delay Time
(G2 - Y)
4.5
18
28
35
42
ns
tPLH
tPHL
Propagation
Delay Time
(GL - Y)
4.5
25
39
49
59
ns
tPLH
tPHL
Propagation
Delay Time
(A, B, C - Y)
4.5
24
37
46
56
ns
tW(L)
Minimum Pulse
Width
(GL)
4.5
8
151922
ns
ts
Minimum Set-up
Time
(A, B, C - GL)
4.5
5
6
8
ns
th
Minimum Hold
Time
(A, B, C - GL)
4.5
5
6
8
ns
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
58
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M54/M74HCT137
5/12


Similar Part No. - M74HCT137

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
49Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1998
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
180Kb / 8P
   QUAD 2-INPUT SCHMITT NAND GATE
M74HCT132B1R STMICROELECTRONICS-M74HCT132B1R Datasheet
49Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1998
M74HCT132B1R STMICROELECTRONICS-M74HCT132B1R Datasheet
180Kb / 8P
   QUAD 2-INPUT SCHMITT NAND GATE
M74HCT132M1R STMICROELECTRONICS-M74HCT132M1R Datasheet
49Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1998
More results

Similar Description - M74HCT137

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC137 STMICROELECTRONICS-M54HC137 Datasheet
256Kb / 11P
   3 TO 8 LINE DECODER/LATCH INVERTING
M54HC137 STMICROELECTRONICS-M54HC137_04 Datasheet
224Kb / 10P
   RAD-HARD 3 TO 8 LINE DECODER/LATCH (INVERTING)
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
   3 TO 8 LINE DECODER INVERTING
April 2001
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
   3 TO 8 LINE DECODER (INVERTING)
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
   3 TO 8 LINE DECODER INVERTING
June 1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com