Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HCT138 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HCT138
Description  3 TO 8 LINE DECODER INVERTING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT138 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HCT138 Datasheet HTML 1Page - STMicroelectronics M54HCT138 Datasheet HTML 2Page - STMicroelectronics M54HCT138 Datasheet HTML 3Page - STMicroelectronics M54HCT138 Datasheet HTML 4Page - STMicroelectronics M54HCT138 Datasheet HTML 5Page - STMicroelectronics M54HCT138 Datasheet HTML 6Page - STMicroelectronics M54HCT138 Datasheet HTML 7Page - STMicroelectronics M54HCT138 Datasheet HTML 8Page - STMicroelectronics M54HCT138 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TRUTH TABLE
INPUTS
OUTPUTS
ENABLE
SELECT
G2B
G2A
G1
C
B
A
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
X
X
L
X
X
X
HHHH
HHHH
XH
XXXX
HHHH
HHHH
H
X
XXXX
HHHH
HHHH
L
L
H
L
L
L
L
HHH
HHHH
L
L
H
L
L
H
H
L
HH
HHHH
L
L
H
L
H
L
HH
L
H
HHHH
L
L
H
L
HH
HHH
L
HHHH
L
L
HH
L
L
HHHH
L
HHH
L
L
HH
L
H
HHHH
H
L
HH
L
L
HHH
L
HHHH
HH
L
H
L
L
HHHH
HHHH
HHH
L
X: Don’t Care
IEC LOGIC SYMBOL
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1, 2, 3
A, B, C
Address Inputs
4, 5
G2A, G2B
Enable Inputs
6
G1
Enable Input
15, 14, 13,
12, 11, 10,
9, 7
Y0 to Y7
Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
LOGIC DIAGRAM
M54/M74HCT138
2/10


Similar Part No. - M54HCT138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
252Kb / 10P
   RAD HARD 3 TO 8 LINE DECODER (INVERTING)
M54HCT138 STMICROELECTRONICS-M54HCT138_04 Datasheet
252Kb / 10P
   RAD HARD 3 TO 8 LINE DECODER (INVERTING)
More results

Similar Description - M54HCT138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
   3 TO 8 LINE DECODER INVERTING
April 2001
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
   3 TO 8 LINE DECODER (INVERTING)
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
   3 TO 8 LINE DECODER INVERTING
June 1999
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
   3 TO 8 LINE DECODER INVERTING
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
74VHCT138A STMICROELECTRONICS-74VHCT138A_04 Datasheet
304Kb / 12P
   3 TO 8 LINE DECODER (INVERTING)
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
286Kb / 10P
   3 TO 8 LINE DECODER (INVERTING)
April 2001
M54HC138 STMICROELECTRONICS-M54HC138 Datasheet
242Kb / 10P
   3 TO 8 LINE DECODER INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com