Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJE687M010R Datasheet(PDF) 6 Page - AVX Corporation

Part # TAJE687M010R
Description  voltage derating in applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJE687M010R Datasheet(HTML) 6 Page - AVX Corporation

  TAJE687M010R Datasheet HTML 1Page - AVX Corporation TAJE687M010R Datasheet HTML 2Page - AVX Corporation TAJE687M010R Datasheet HTML 3Page - AVX Corporation TAJE687M010R Datasheet HTML 4Page - AVX Corporation TAJE687M010R Datasheet HTML 5Page - AVX Corporation TAJE687M010R Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
47
Code
Ao
Bo
K
W
E
F
G
P
P2
Po
D
D1
A
1.83±0.1
3.57±0.1
1.87±0.1
8±0.3
1.75±0.1
3.5±0.05
0.75 min
4±0.1
2±0.05
4±0.1
1.5+0.2-0.0
1+0.2-0.0
B
3.15±0.1
3.77±0.1
2.22±0.1
8±0.3
1.75±0.1
3.5±0.05
0.75 min
4±0.1
2±0.05
4±0.1
1.5+0.2-0.0
1+0.2-0.0
C
3.45±0.1
6.4±0.1
2.92±0.1
12±0.3
1.75±0.1
5.5±0.05
0.75 min
8±0.1
2±0.05
4±0.1
1.5+0.2-0.0 1.5+0.2-0.0
D
4.48±0.1
7.62±0.1
3.22±0.1
12±0.3
1.75±0.1
5.5±0.05
0.75 min
8±0.1
2±0.05
4±0.1
1.5+0.2-0.0 1.5+0.2-0.0
E
4.50±0.1
7.5±0.1
4.5±0.1
12±0.3
1.75±0.1
5.5±0.05
0.75 min
8±0.1
2±0.05
4±0.1
1.5+0.2-0.0 1.5+0.2-0.0
V
6.43±0.1
7.44±0.1
3.84±0.1
12±0.3
1.75±0.1
5.5±0.05
0.75 min
8±0.1
2±0.05
4±0.1
1.5+0.2-0.0 1.5+0.2-0.0
W
3.57±0.1
6.4±0.1
1.65±0.1
12±0.3
1.75±0.1
5.5±0.05
0.75 min
8±0.1
2±0.05
4±0.1
1.5+0.2-0.0 1.5+0.2-0.0
X
4.67±0.1
7.62±0.1
1.65±0.1
12±0.3
1.75±0.1
5.5±0.05
0.75 min
8±0.1
2±0.05
4±0.1
1.5+0.2-0.0 1.5+0.2-0.0
Y
4.67±0.1
7.62±0.1
2.15±0.1
12±0.3
1.75±0.1
5.5±0.05
0.75 min
8±0.1
2±0.05
4±0.1
1.5+0.2-0.0 1.5+0.2-0.0
R
1.65±0.1
2.45±0.1
1.3±0.1
8±0.3
1.75±0.1
3.5±0.05
0.75 min
4±0.1
2±0.05
4±0.1
1.5+0.2-0.0
1+0.2-0.0
S
1.95±0.1
3.55±0.1
1.3±0.1
8±0.3
1.75±0.1
3.5±0.05
0.75 min
4±0.1
2±0.05
4±0.1
1.5+0.2-0.0
1+0.2-0.0
T
3.20±0.1
3.8±0.1
1.35±0.1
8±0.3
1.75±0.1
3.5±0.05
0.75 min
4±0.1
2±0.05
4±0.1
1.5+0.2-0.0
1+0.2-0.0
TACR
1.65±0.1
2.45±0.1
1.3±0.1
8±0.3
1.75±0.1
3.5±0.05
0.75 min
4±0.1
2±0.05
4±0.1
1.5+0.2-0.0
1+0.2-0.0
TACL
1.10±0.1
2±0.1
1.1±0.1
8±0.3
1.75±0.1
3.5±0.05
0.75 min
4±0.1
2±0.05
4±0.1
1.5+0.2-0.0
1+0.2-0.0
Code
Tape
A
B
C
W
t
R
12mm
180±2.0
50 min
13±0.5
12.4±1.5,-0
1.5±0.5
R
8mm
180±2.0
50 min
13±0.5
8.4±1.5,-0
1.5±0.5
S
12mm
330±2.0
50 min
13±0.5
12.4±1.5,-0
1.5±0.5
S
8mm
330±2.0
50 min
13±0.5
8.4±1.5,-0
1.5±0.5
X
8mm
100±2.0
13±0.5
8.4±1.5,-0
1.5±0.5
TAJ, TPS, THJ & TAC Series
Tape and Reel Packaging
Case Size
Tape width
P
100mm
(4") reel
180mm
(7") reel
330mm
(13") reel
reference
mm
mm
Suffix
Qty.
Suffix
Qty.
Suffix
Qty.
A
8
4
R
2000
S
8000
B
8
4
R
2000
S
8000
C
12
8
R
500
S
3000
D
12
8
R
500
S
2500
E
12
8
R
400
S
1500
V
12
8
R
400
S
1500
R
8
4
R
2500
S
10000
S
8
4
R
2500
S
10000
T
8
4
R
2500
S
10000
W
12
8
R
1000
S
5000
Y
12
8
R
1000
S
4000
X
12
8
R
1000
S
5000
TACR
8
4
X
500
R
2500
TACL
8
4
X
500
R
3500
TAPE SPECIFICATION
Tape dimensions comply to EIA 481-1
Dimensions A
0 and B0 of the pocket and
the tape thickness, K, are dependent on
the component size.
Tape materials do not affect component
solderability during storage. Carrier Tape
Thickness <0.4mm.
PLASTIC TAPE DIMENSIONS
+ve capacitor orientation
A0
K
W
P0
P2
P
G
F
D
E
D1
Tape and reel packaging for automatic component placement.
Please enter required Suffix on order. Bulk packaging is not available.
TAJ, TPS AND TAC TAPING SUFFIX TABLE
Cover Tape Dimensions
Thickness: 75±25µm
Width of tape:
5.5mm + 0.2mm (8mm tape)
9.5mm + 0.2mm (12mm tape)
C
t
B
W
A
REEL DIMENSIONS


Similar Part No. - TAJE687M010R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJE687*002#NJ AVX-TAJE687*002#NJ Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJE687*004#NJ AVX-TAJE687*004#NJ Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJE687*006#NJ AVX-TAJE687*006#NJ Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJE687*006TNJV AVX-TAJE687*006TNJV Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJE687002NJ AVX-TAJE687002NJ Datasheet
104Kb / 5P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJE687M010R

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6040 NJSEMI-2N6040 Datasheet
241Kb / 2P
   POWER DERATING
SM3F NJSEMI-SM3F Datasheet
121Kb / 2P
   Derating Curves
logo
Zetex Semiconductors
SM8 ZETEX-SM8 Datasheet
76Kb / 1P
   Thermal Resistance and Derating Information
SOD323 ZETEX-SOD323 Datasheet
93Kb / 1P
   Thermal Resistance and Derating Information
logo
Maxim Integrated Produc...
MAX17531AUBEVKIT MAXIM-MAX17531AUBEVKIT Datasheet
948Kb / 8P
   (μMAX) in 5V Output Voltage Applications
Rev 0; 1/17
logo
Zetex Semiconductors
SOT23-6 ZETEX-SOT23-6 Datasheet
75Kb / 1P
   Thermal Resistance and Derating Information
SOT223 ZETEX-SOT223 Datasheet
218Kb / 1P
   Thermal Resistance and Derating Information
SOT23 ZETEX-SOT23 Datasheet
199Kb / 1P
   Thermal Resistance and Derating Information
SOT323 ZETEX-SOT323 Datasheet
106Kb / 1P
   Thermal Resistance and Derating Information
MSOP8 ZETEX-MSOP8 Datasheet
95Kb / 1P
   Thermal Resistance and Derating Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com