Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX1-173.225-3 Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # HX1-173.225-3
Description  VHF Narrow Band FM 300mW Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

HX1-173.225-3 Datasheet(HTML) 1 Page - Radiometrix Ltd

  HX1-173.225-3 Datasheet HTML 1Page - Radiometrix Ltd HX1-173.225-3 Datasheet HTML 2Page - Radiometrix Ltd HX1-173.225-3 Datasheet HTML 3Page - Radiometrix Ltd HX1-173.225-3 Datasheet HTML 4Page - Radiometrix Ltd HX1-173.225-3 Datasheet HTML 5Page - Radiometrix Ltd HX1-173.225-3 Datasheet HTML 6Page - Radiometrix Ltd HX1-173.225-3 Datasheet HTML 7Page - Radiometrix Ltd HX1-173.225-3 Datasheet HTML 8Page - Radiometrix Ltd HX1-173.225-3 Datasheet HTML 9Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Radiometrix Ltd.,
HX1 high power transmitter data sheet
Page 1
Figure 1: HX1-169.4125-3-5V
Features
Standard frequency: 169MHz band
Other frequencies from 120MHz to 180MHz
Data rates up to 3kbps
Usable range over 10km
Fully screened
Low power requirements
The HX1 is a narrow band radio transmitter module for use in long range data transfer applications at
ranges up to 10kilometres. HX1 transmitter circuit is the BiM1T transmitter circuit in the TX1 pin-out
with slightly enlarged dimension to accommodate extra Power Amplifier circuit to produce 300mW RF
output and available for operation on 169MHz European licence exempt frequency band.
Applications
Tracing and asset tracking systems
Meter reading systems
Industrial telemetry and telecommand
Data loggers
In-building environmental monitoring and control
Social alarms
High-end security and fire alarms
Automatic Position Reporting System (APRS)
DGPS systems
Vehicle data up/download
Technical Summary
Transmit power: 300mW (24.7dBm)
Operating frequency: 169.4125MHz, 169.5625MHz
Supply: 5V (regulated)
Current consumption: 140mA nominal transmit
Data bit rate: 3kbps max.
Size: 43 x 15 x 5mm
The special HX1 transmitter modules
offer a 300mW RF output VHF data
link in Radiometrix SIL standard pin-
out and footprint. This makes the HX1
ideally suited to those low power
applications where existing narrow
band
and
wideband
transmitters
provide insufficient range. Together
with the matching NRX1 or BiM1R
receiver a one-way radio data link can
be achieved over a distance up to
10km+ with suitable choice of data
rate and antennas.
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
28 August 2007
HX1 (300mW)
NE
W
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
VHF Narrow Band FM 300
VHF Narrow Band FM 300
VHF Narrow Band FM 300
VHF Narrow Band FM 300mW Transmitter
W Transmitter
W Transmitter
W Transmitter


Similar Part No. - HX1-173.225-3

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
HX1-144390-10 RADIOMETRIX-HX1-144390-10 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1-144800-10 RADIOMETRIX-HX1-144800-10 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1-1694125-3 RADIOMETRIX-HX1-1694125-3 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
More results

Similar Description - HX1-173.225-3

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
TX1 RADIOMETRIX-TX1 Datasheet
2Mb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1-173.225-10 RADIOMETRIX-TX1-173.225-10 Datasheet
647Kb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com