Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRX416-000-DIL Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # KRX416-000-DIL
Description  Code-hopping decoder with 4 outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

KRX416-000-DIL Datasheet(HTML) 1 Page - Radiometrix Ltd

  KRX416-000-DIL Datasheet HTML 1Page - Radiometrix Ltd KRX416-000-DIL Datasheet HTML 2Page - Radiometrix Ltd KRX416-000-DIL Datasheet HTML 3Page - Radiometrix Ltd KRX416-000-DIL Datasheet HTML 4Page - Radiometrix Ltd KRX416-000-DIL Datasheet HTML 5Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Radiometrix Ltd
KRX416
page 1
Features
Operating voltage (temperature):
4.5V-5.5V (-40°C to +85°C)
Draws <2mA without external load
4 digital outputs (on/off)
Learn input pin (activate to store a transmitter identity)
Learn output pin (indication of a Learnt transmitter)
Mode select pin – choice of two output modes
Internal non-volatile memory for learning up to 16 different transmitters
Hop-code decryption ensures that only valid transmissions are acted upon
Manchester decoding at 1250bps (+25% -50%)
Suitable for use with Radiometrix FM radio-receiver modules e.g. RX2A
Internal clock – no external oscillator components needed
Internal supply monitoring (brown-out = self-reset)
Minimum external component requirement
Compatible with Radiometrix code-hopping transmitters, e.g. KTX2
Applications
Security and Alarm systems
Status reporting and monitoring systems
RF Remote control systems
Industrial controls
HVAC controls
Door entry systems
Simple On/Off switching
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
Issue: 1, 28 February 2008
KRX416
Key-code Receiver 416 is a single IC
solution for decrypting and decoding
Radiometrix
code-hopping
transmitters. The device will retain
the identities of up to 16 code-hopping
transmitters, even when the power
supply is removed. It is specifically
designed to be used in RF keyless
remote control applications and is
available in 18pin SO and DIL
packages.
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
NE
W
Code
Code
Code
Code----hopping decoder with 4 outputs
hopping decoder with 4 outputs
hopping decoder with 4 outputs
hopping decoder with 4 outputs
Figure 1: KRX416 in 18 pin DIL package


Similar Part No. - KRX416-000-DIL

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRX101 KEC-KRX101 Datasheet
86Kb / 3P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX101 KEC-KRX101 Datasheet
85Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX101E KEC-KRX101E Datasheet
86Kb / 3P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX101U KEC-KRX101U Datasheet
85Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX102 KEC-KRX102 Datasheet
86Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRX416-000-DIL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
   KEELOQ짰 Code Hopping Decoder
2002
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
   KEELOQ짰 Code Hopping Decoder
01/27/15
HCS515 MICROCHIP-HCS515 Datasheet
332Kb / 28P
   KEELOQ CODE HOPPING DECODER
2002
HCS512 MICROCHIP-HCS512 Datasheet
224Kb / 20P
   KEELOQ CODE HOPPING DECODER
1997
HCS515 MICROCHIP-HCS515 Datasheet
324Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS500-I MICROCHIP-HCS500-I Datasheet
403Kb / 34P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515 MICROCHIP-HCS515_11 Datasheet
820Kb / 38P
   KEELOQ짰 Code Hopping Decoder stand-alone decoder
2011
logo
Radiometrix Ltd
KDEC RADIOMETRIX-KDEC_12 Datasheet
300Kb / 5P
   Code-hopping receiver with up to 5 relay outputs
KDEC RADIOMETRIX-KDEC Datasheet
431Kb / 5P
   Code-hopping receiver with up to 5 relay outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com