Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTR44H-000-DIL Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # CTR44H-000-DIL
Description  4 bit Address - 4 bit Data encoder/decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

CTR44H-000-DIL Datasheet(HTML) 4 Page - Radiometrix Ltd

  CTR44H-000-DIL Datasheet HTML 1Page - Radiometrix Ltd CTR44H-000-DIL Datasheet HTML 2Page - Radiometrix Ltd CTR44H-000-DIL Datasheet HTML 3Page - Radiometrix Ltd CTR44H-000-DIL Datasheet HTML 4Page - Radiometrix Ltd CTR44H-000-DIL Datasheet HTML 5Page - Radiometrix Ltd CTR44H-000-DIL Datasheet HTML 6Page - Radiometrix Ltd CTR44H-000-DIL Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Radiometrix Ltd
Control44
page 4
Control44 transmits a 6-byte burst, with 8 bits of preamble and 4 bits postamble. When firing up the
transmitter from cold Control44 puts in an extra 55ms especially for Narrow Band FM transmitter and
receiver requiring longer power-up to stable data time.
Figure 5: Push button transmission with 55ms power-up preamble
The large amount of sync code, address and checksum reduce the likelihood of false calling on noise to
an insignificant degree, while the breaking up of the data sequences with bit7 zeros is to reduce the
likelihood of the decoder mistaking particular sequences in the data for sync codes.
Differential Manchester encoding coverts the 0000 into 11001100 which is the bit pattern equivalent to preamble
required to settle adaptive data slicer in the RF receiver module.
Preamble =
11001100
this byte is not decoded.
Sync1 =
10111111
Sync2 =
111100(A7)(B7)
DataA =
0(DA6-DA0)
Reserved for future use and custom variants
DataB =
0(DB6-DB0)
Address =
0(A5-A0)0
Checksum =
sum of (DA7-DA0) + (DB7-DB0) + Adr(whole byte) truncated to 8 bits
This allows 6 bits of address and 2 data bytes per 60ms burst when 3.58MHz resonator is used.
10111111
11001100
111100(DA7)(DB7)
0(DA6:DA0) 0(DB6:DB0)
DA7:DA0+DB7:DB0
+A7:A0
0000
00000000000000
Preamble
Sync1
Sync2
Data A
Data B
Check Sum
Postamble
0(A5:A0)0
Address
Figure 6: Control44 data packet
In the following example, Control44 in Encoder mode is set with the following.
DB3
DB2
DB1
DB0
A3
A2
A1
A0
1
0
1
0
1
0
0
1
The Control44 will packetise the address and data into the following format. Reserved DataA is
transmitted as 00hex. Any custom variants requiring more than 8 bits of data will make use of this
slot.
.
Preamble Sync1
Sync2
DataA
DataB
Address
Checksum Postamble
11001100
10111111 11110000 00000000 00001010 00010010 00011100
0000


Similar Part No. - CTR44H-000-DIL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTR44H-000-DIL ETC2-CTR44H-000-DIL Datasheet
202Kb / 7P
   4 bit Address - 4 bit Data encoder/decoder
More results

Similar Description - CTR44H-000-DIL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONTROL44 ETC2-CONTROL44 Datasheet
202Kb / 7P
   4 bit Address - 4 bit Data encoder/decoder
logo
Radiometrix Ltd
CONTROL124 RADIOMETRIX-CONTROL124 Datasheet
553Kb / 7P
   4 bit Address - 12 bit Data encoder/decoder
CTA88 RADIOMETRIX-CTA88 Datasheet
326Kb / 6P
   8 bit Address - 8 bit Data encoder/decoder
logo
Texas Instruments
74ACT16254 TI1-74ACT16254_09 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT ADDRESS/DATA MULTIPLEXER
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
   4-BIT LATCH/4-TO-16 LINE DECODER
logo
Hitachi Semiconductor
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
   4-bit Latch/4-to-16-line Decoder
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
   4-bit Latch/4-to-16-line Decoder
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH162831 RENESAS-HD74ALVCH162831 Datasheet
2Mb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com