Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENT1-169.406250-3 Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # ENT1-169.406250-3
Description  12.5kHz Channel VHF High Power TX
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

ENT1-169.406250-3 Datasheet(HTML) 1 Page - Radiometrix Ltd

  ENT1-169.406250-3 Datasheet HTML 1Page - Radiometrix Ltd ENT1-169.406250-3 Datasheet HTML 2Page - Radiometrix Ltd ENT1-169.406250-3 Datasheet HTML 3Page - Radiometrix Ltd ENT1-169.406250-3 Datasheet HTML 4Page - Radiometrix Ltd ENT1-169.406250-3 Datasheet HTML 5Page - Radiometrix Ltd ENT1-169.406250-3 Datasheet HTML 6Page - Radiometrix Ltd ENT1-169.406250-3 Datasheet HTML 7Page - Radiometrix Ltd ENT1-169.406250-3 Datasheet HTML 8Page - Radiometrix Ltd ENT1-169.406250-3 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Radiometrix Ltd.,
ENT1 high power transmitter data sheet
Page 1
Features
Conforms to EN 300 220-3 and EN 301 489-3
Standard frequency 169.406250MHz
Other frequencies from 120MHz to 180MHz
12.5 kHz channel spacing
Data rates up to 3kbps
Usable range over 10km
Fully screened
Low power requirements
Applications
Remote meter reading
Data loggers
Industrial telemetry and telecommand
In-building environmental monitoring and control
High-end security and fire alarms
DGPS systems
Vehicle data up/download
Technical Summary
Size: 43 x 14.5 x 5mm
Operating frequency: 169.406250MHz
Supply range: 5v
Current consumption: 70mA Max
Data bit rate: 3kbps max.
Transmit power: 20dBm (100mW) nominal
The ENT1 transmitter modules offer a
100mW RF output VHF data link in
Radiometrix SIL standard pin-out and
footprint. This makes the ENT1 ideally
suited to those low power applications
where existing narrow band and
wideband
transmitters
provide
insufficient range. Together with the
matching LMR1/RX1M receiver a one-
way radio data link can be achieved
over a distance up to 10km+ with
suitable choice of data rate and
antennas.
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
Issue 1, 16 October 2007
ENT1
NE
W
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
12.
12.
12.
12.5
5
5
5kH
kH
kH
kHz
z
z
z C
C
C
Channel
hannel
hannel
hannel VHF
VHF
VHF
VHF High Power TX
High Power TX
High Power TX
High Power TX
Figure 1: ENTI –169.40625-3


Similar Part No. - ENT1-169.406250-3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
ENT1D-B16-L00100L BOURNS-ENT1D-B16-L00100L Datasheet
274Kb / 3P
   Rotary Optical Encoder
ENT1D-B16-L00128L BOURNS-ENT1D-B16-L00128L Datasheet
289Kb / 3P
   EN - Rotary Optical Encoder
ENT1D-B16-R00100L BOURNS-ENT1D-B16-R00100L Datasheet
274Kb / 3P
   Rotary Optical Encoder
ENT1D-B20-L00100L BOURNS-ENT1D-B20-L00100L Datasheet
274Kb / 3P
   Rotary Optical Encoder
ENT1D-B20-L00128L BOURNS-ENT1D-B20-L00128L Datasheet
289Kb / 3P
   EN - Rotary Optical Encoder
More results

Similar Description - ENT1-169.406250-3

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
ENT1 RADIOMETRIX-ENT1_14 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
ENR1 RADIOMETRIX-ENR1 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
ENX1 RADIOMETRIX-ENX1 Datasheet
264Kb / 11P
   VHF 12.5kHz channel NBFM TRANSCEIVER
TX1H RADIOMETRIX-TX1H_14 Datasheet
196Kb / 11P
   VHF Narrow Band FM High Power TX
TX1H-151.300-10 RADIOMETRIX-TX1H-151.300-10 Datasheet
195Kb / 11P
   VHF Narrow Band FM High Power TX
TX1M RADIOMETRIX-TX1M_14 Datasheet
632Kb / 12P
   VHF Narrow Band FM multi channel TX and RX
logo
Advanced Semiconductor
VFT150-28 ASI-VFT150-28 Datasheet
18Kb / 1P
   VHF POWER MOSFET Channel Enhancement Mode
VFT150-50 ASI-VFT150-50 Datasheet
18Kb / 1P
   VHF POWER MOSFET N-Channel Enhancement Mode
VFT30-50 ASI-VFT30-50 Datasheet
18Kb / 1P
   VHF POWER MOSFET N-Channel Enhancement Mode
VFT5-28SL ASI-VFT5-28SL Datasheet
17Kb / 1P
   VHF POWER MOSFET N-Channel Enhancement Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com