Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BIM1-151.300-10 Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # BIM1-151.300-10
Description  VHF Narrow Band FM transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

BIM1-151.300-10 Datasheet(HTML) 4 Page - Radiometrix Ltd

  BIM1-151.300-10 Datasheet HTML 1Page - Radiometrix Ltd BIM1-151.300-10 Datasheet HTML 2Page - Radiometrix Ltd BIM1-151.300-10 Datasheet HTML 3Page - Radiometrix Ltd BIM1-151.300-10 Datasheet HTML 4Page - Radiometrix Ltd BIM1-151.300-10 Datasheet HTML 5Page - Radiometrix Ltd BIM1-151.300-10 Datasheet HTML 6Page - Radiometrix Ltd BIM1-151.300-10 Datasheet HTML 7Page - Radiometrix Ltd BIM1-151.300-10 Datasheet HTML 8Page - Radiometrix Ltd BIM1-151.300-10 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Radiometrix Ltd.,
BiM1 transceiver, TX1H high power transmitter data sheet
Page 4
BiM1 Pin
TX1H pin
Name
Function
1, 3, 9, 10, 18
1, 3, 6
0V
Ground
17
5
VCC
3.8 – 15V DC power supply
16
-
RX
Pull low to enable Receiver
15
4
TX
EN
Pull low to enable Transmitter
Pull high to enable Transmitter
14
7
TXD
DC coupled input for 3V CMOS logic. Rin = 100k
13
-
AF
500mV pk-pk audio. DC coupled, approx 0.8V bias
12
-
RXD
Received Data output from the internal data slicer. Output will have
a rail to rail output swing (i.e. 0 -Vcc depending on the supply
voltage). Suitable for Biphase codes
11
-
RSSI
DC level between 0.5V and 2V. 60dB dynamic range
NOTES:
1. RX and TX have internal (10k
Ω approx.) pull-up to Vcc
2. EN pin should not be left floating
3. For Vcc greater than 9V, transmit duty cycle must be limited to 25% or less
4. Avoid RX and TX both low: undefined module operation (but damage will not result)
5. A 10mW UK version is available on 173.225MHz. (3-16V operation, 10mA TX)
6. Pin out is as BiM2. On RF connector end only pins 1, 2, 3, 9 are present.
Absolute maximum ratings
Exceeding the values given below may cause permanent damage to the module.
Operating temperature
-10
°C to +60°C
Storage temperature
-30
°C to +70°C
RF in (pin 1)
±50V @ <10MHz, +13dBm @ >10MHz
All other pins
-0.3V to +16.0V
Performance specifications:
(Vcc = 3.8V / temperature = 20
°C unless stated)
General
pin
min.
typ.
max.
units
notes
DC supply
Supply voltage (100mW BiM1T)
17
3.8
-
15
V
Supply voltage (10mW BiM1T, BiM1R)
17
3.0
-
16
V
TX Supply current (100mW)
17
80
mA
TX Supply current (10mW)
17
25
mA
RX Supply current
17
8
mA
Antenna pin impedance
2
50
RF centre frequency (100mW)
151.300
MHz
RF centre frequency (10mW)
173.225
MHz
Channel spacing
25
kHz
Number of channels
1
Transmitter
RF
RF power output (100mW)
2
+19
+20
+21
dBm
1
RF power output (100mW)
2
+9
+10
+11
dBm
1
Spurious emissions (100mW)
2
-40
dBm
Spurious emissions (10mW)
2
EN 300 220-3
dBm
2
Adjacent channel TX power (100mW)
-37
dBm
Adjacent channel TX power (10mW)
TBD
2
Frequency accuracy
-2.5
0
+2.5
kHz
3
FM deviation (peak)
±2.5
±3.0
±3.5
kHz
4
Baseband
Modulation bandwidth @ -3dB
0
5
kHz
TXD input level (logic low)
14
0
V
5
TXD input level (logic high)
14
3.0
V
5
Dynamic timing
TX select to full RF
5
ms


Similar Part No. - BIM1-151.300-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BIM1-151.300-10 ETC2-BIM1-151.300-10 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
More results

Similar Description - BIM1-151.300-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
   FM Narrow Band Transceiver Modules
logo
Radiometrix Ltd
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com