Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2A-433-64 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # TX2A-433-64
Description  UHF FM Data Transmitter and Receiver Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TX2A-433-64 Datasheet(HTML) 5 Page - Radiometrix Ltd

  TX2A-433-64 Datasheet HTML 1Page - Radiometrix Ltd TX2A-433-64 Datasheet HTML 2Page - Radiometrix Ltd TX2A-433-64 Datasheet HTML 3Page - Radiometrix Ltd TX2A-433-64 Datasheet HTML 4Page - Radiometrix Ltd TX2A-433-64 Datasheet HTML 5Page - Radiometrix Ltd TX2A-433-64 Datasheet HTML 6Page - Radiometrix Ltd TX2A-433-64 Datasheet HTML 7Page - Radiometrix Ltd TX2A-433-64 Datasheet HTML 8Page - Radiometrix Ltd TX2A-433-64 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Radiometrix Ltd, TX2A/RX2A Data Sheet
page 5
Performance specifications: RX2A
(Vcc = 5.0V / temperature = 20oC unless stated)
pin
min.
typ.
max
units
notes
DC supply
Supply voltage
5
2.7
5.0
16.0
V
Supply current
5
11
11.6
13
mA
1
RF/ IF
RF sensitivity for 10dB (S+N/N)
1,6
-
-115
-
dBm
10kb/s version
RF sensitivity for 10dB (S+N/N)
1,6
-
-108
-
dBm
64kb/s version
RF sensitivity for 1ppm BER
1,7
-
-108
-
dBm
10kb/s version
RF sensitivity for 1ppm BER
1,7
-
-101
-
dBm
64kb/s version
RSSI range
1,3
-
60
-
dB
IF bandwidth
-
-
180
-
kHz
Image rejection
1
50
53
-
dB
½-IF spurious rejection
1
-
94
-
dB
LO leakage, conducted
1
-
-120
-100
dBm
Baseband
Baseband bandwidth @ -3dB
6
0
-
7.8
kHz
10kb/s version
Baseband bandwidth @ -3dB
6
0
-
50
kHz
64kb/s version
AF level
6
-
500
-
mVP-P
2
DC offset on AF out
6
0.45
1.1
1.75
V
3
Distortion on recovered AF
6
-
1
5
%
3
Ultimate (S+N)/N
6
-
40
-
dB
Load capacitance, AFout/RXD
6,7
-
-
100
pF
DYNAMIC TIMING
Power up with signal present
Power up to valid RSSI
3,5
-
1
-
ms
Power up to stable data
5,7
-
10
30
ms
3, 10kb/s version
Power up to stable data
5,7
-
5
10
ms
3, 64kb/s version
Signal applied with supply on
RSSI response time (rise/fall)
1,3
-
100
-
µs
Signal to stable data
1,7
-
5
30
ms
3, 10kb/s version
Signal to stable data
1,7
-
5
10
ms
3, 64kb/s version
Time between data transitions
7
0.1
-
15
ms
4, 10kb/s version
Time between data transitions
7
15.6
-
1500
µs
4, 64kb/s version
Mark:space ratio
7
20
50
80
%
5
Notes: 1. Current increases at higher RF input levels (>-20dBm and above)
2. For received signal with ±40kHz FM deviation.
3. Typical figures are for signal at centre frequency, max. figures are for ±50kHz offset.
4. For 50:50 mark to space ratio (i.e. square wave).
5. Average over 30ms (10kb/s version) or 3ms (64kb/s version) at maximum data rate.


Similar Part No. - TX2A-433-64

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
More results

Similar Description - TX2A-433-64

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
logo
rfsolutions.ltd
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
logo
rfsolutions.ltd
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
   FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com