Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2I-433-5 Datasheet(PDF) 6 Page - Radiometrix Ltd

Part # TX2I-433-5
Description  UHF Narrow Band FM multi channel radio modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TX2I-433-5 Datasheet(HTML) 6 Page - Radiometrix Ltd

Back Button TX2I-433-5 Datasheet HTML 2Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 3Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 4Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 5Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 6Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 7Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 8Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 9Page - Radiometrix Ltd TX2I-433-5 Datasheet HTML 10Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Radiometrix Ltd
TX2M/RX2M Data Sheet
page 6
Figure 5: Serial configuration of TX2I-458-5 transmitter using HyperTerminal
433MHz Band
458MHz
Band
25kHz
433.05
434.79
459.1
461.675
Figure 6: Maximum allowed and programmable channels
Notes:
1. A pause of at least 50ms must be allowed between command strings (EEPROM programming
time) SINGLE mode does not store the N value in EEPROM. Therefore the unit is inoperative
after a power down until either another valid SINGLE command is received, or mode is changed
by a GOCHAN, SETPAR or SETSER command. SINGLE mode is intended for frequency agile
applications.
2. /SETPAR command should be issued at the end of channel programming to put the module
back into parallel frequency select mode
3. In 458MHz band, channel 12 (458.825MHz) and channel 15 (458.900MHz) are allocated
specifically for fixed alarm and radio keys/vehicle paging applications respectively and should
not be used for general purpose applications.
Set parallel frequency select mode
Go to Channel 3 (458.600MHz)
Go to Channel 13 (458.850MHz)
Go to Channel 23 (459.100MHz maximum allowed Channel)
Go to Channel 22 (459.075MHz)
TX2M will wrap around to Ch0 if >Ch23 (459.100MHz)
Increase highest channel to Ch30 (out of 458MHz band)
Go to new maximum Channel 30 (459.275MHz)
Reset the maximum Channel to regulatory band limit
Ch16 onwards changed from 458.925MHz to 459.000MHz
Go to new Ch18 frequency of 459.050MHz (not 458.975MHz)
Go to new maximum Ch23 frequency of 459.175MHz
Reset Ch16 onwards from 458.925MHz (within regulatory band)
Clear buffer and return to parallel channel selection
Clear buffer and go to last serially selected Ch23 (458.925MHz)
Return serially selected Channel to 0 (458.525MHz)
Return to channel selected by parallel pins (P1-P3) levels
Jump to 459.500MHz without storing it on EEPROM
Enable internal 1200baud modem
Enable internal 250Hz square wave modulated test transmission


Similar Part No. - TX2I-433-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2I-433-5 RADIOMETRIX-TX2I-433-5 Datasheet
566Kb / 12P
   UHF NBFM multi channel radio modules
More results

Similar Description - TX2I-433-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com