Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDH2-433-9 Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # TDH2-433-9
Description  UHF Multi Channel Hi Power Radio Modem
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TDH2-433-9 Datasheet(HTML) 1 Page - Radiometrix Ltd

  TDH2-433-9 Datasheet HTML 1Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 2Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 3Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 4Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 5Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 6Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 7Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 8Page - Radiometrix Ltd TDH2-433-9 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Radiometrix Ltd
TDH2 Data Sheet
page 1
Provided no two devices attempt to transmit simultaneously no further restrictions on data transmission
need be made, as all transmit timing, valid data identification and datastream buffering is conducted by
the unit. Synchronisation and framing words in the packet prevent the receiver outputting garbage in
the absence of wanted RF signal or presence of interference. For multiple radio systems (polled networks)
a TDH2 can be set to 1 of 8 unique addresses. As well as having unique addresses, the TDH2 allows
operation on one of 5 pre-set frequencies in the 433MHz band. These frequencies are non-overlapping
and simultaneous operation of TDH2s in the same area on different channels will be possible. Units are
supplied on 433.925MHz (Ch0) as default.
Features
Conforms to Australian/New Zealand AS/NZS 4268:2003
High quality, stable crystal reference
Low noise synthesiser / VCO
SAW front-end filter and multi-stage ceramic IF filtering
Single conversion superhet
Serial modem baud rate at 9600bps (half-duplex)
Addressable point-to-point
5 serial select wideband channels
Available as TDH2T transmitter and TDH2R receiver for one way communication
Applications
PDAs, organisers & laptops
Handheld / portable terminals
EPOS equipment, barcode scanners
In-building environmental monitoring and control
Remote data acquisition system, data logging
Fleet management, vehicle data acquisition
Technical Summary
Operating frequency: 433.925MHz (default)
Modulation: 16kbps bi-phase FSK
Supply: 5V at 50mA transmit, 22mA receive/idle
Transmit power: +14dBm (25mW)
Receiver sensitivity: -105dBm (for 1% BER)
32 byte data buffer
Adjacent channel rejection: 60dB @ ±320kHz
UHF Multi Channel Hi Power Radio Modem
UHF Multi Channel Hi Power Radio Modem
UHF Multi Channel Hi Power Radio Modem
UHF Multi Channel Hi Power Radio Modem
The TDH2 is a 9600baud half-duplex multi
channel OEM radio modem with a power output
of 25mW. It is a 100% pin-compatible drop-in
replacement for the Radiometrix TDL2A and
can be used to replace the TDL2A in
applications where greater radiated power is
desired. TDH2 acts as a transparent serial
cable to attached host. TDH2 is an intermediate
level OEM radio modem which is in between a
raw FM radio module like BiM2 and a
sophisticated OEM radio modem like SPM2. It
takes care of preamble, synchronisation, bit
balancing and error checking along with
automatic noise squelching.
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
Issue 2, 06 October 2006
TDH2
NE
W
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
Figure 1: TDH2-433-9 radio modem


Similar Part No. - TDH2-433-9

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TDH2-433-9 RADIOMETRIX-TDH2-433-9 Datasheet
588Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
More results

Similar Description - TDH2-433-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
TDH2 RADIOMETRIX-TDH2 Datasheet
588Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-458-BHX2 RADIOMETRIX-M48-458-BHX2 Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
M48-433-USX2 RADIOMETRIX-M48-433-USX2 Datasheet
373Kb / 11P
   UHF NBFM multi channel RS232 radio modem
M48-458-SFX2 RADIOMETRIX-M48-458-SFX2 Datasheet
377Kb / 13P
   500mW UHF NBFM multi channel RS232 Radio Modem
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com