Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX3A-869-64 Datasheet(PDF) 8 Page - Radiometrix Ltd

Part # RX3A-869-64
Description  UHF FM Data Transmitter and Receiver Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RX3A-869-64 Datasheet(HTML) 8 Page - Radiometrix Ltd

Back Button RX3A-869-64 Datasheet HTML 4Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 5Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 6Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 7Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 8Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 9Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 10Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 11Page - Radiometrix Ltd RX3A-869-64 Datasheet HTML 12Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Radiometrix Ltd, TX3A & RX3A Data Sheet
page 8
RX3A Received Signal Strength Indicator (RSSI)
The RX3A receiver incorporates a wide range RSSI which measures the strength of an
incoming signal over a range of 60dB or more. This allows assessment of link quality and
available margin and is useful when performing range tests.
The output on pin 5 of the module has a standing DC bias of typically 0.25V with no signal,
rising to 1.1V at maximum indication. The RSSI output source impedance is high (~50k
Ω) and
external loading should therefore be kept to a minimum.
Typical RSSI characteristic is as shown below:
RSSI (V)
0
0.2
0.4
0.6
0.8
1
1.2
-120
-110
-100
-90
-80
-70
-60
-50
RF input Level (dBm)
Fig.7: RX3A RSSI response curve
To ensure a reasonably fast response the RSSI has limited internal decoupling of 1nF to
ground. This may result in a small amount of ripple on the DC output at pin 5 of the module.
If this is a problem further decoupling may be added, in the form of a capacitor from pin 5 to
ground, at the expense of response speed. For example, adding 10nF here will increase RSSI
response time from 100µs to around 1ms. The value of this capacitor may be increased without
limit.


Similar Part No. - RX3A-869-64

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RX3A-869-64 RADIOMETRIX-RX3A-869-64 Datasheet
453Kb / 2P
   869MHz Wide Band FM Transmitter
More results

Similar Description - RX3A-869-64

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
logo
rfsolutions.ltd
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
logo
rfsolutions.ltd
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
   FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com