Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91-21SUBC Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 91-21SUBC
Description  1.9mm Round Subminiature Lead LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

91-21SUBC Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 91-21SUBC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 91-21SUBC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 91-21SUBC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 91-21SUBC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 91-21SUBC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 91-21SUBC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 91-21SUBC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 91-21SUBC Datasheet HTML 9Page - Everlight Electronics Co., Ltd 91-21SUBC Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2.3
Page: 7 of 10
Device No. : DLE-912-308
Prepared date: 07-29-2005
Prepared by: Malone Yu
91-21SUBC/S400-XX/XXX
Loaded quantity per reel 1000 PCS/reel
Unit :mm
Moisture Resistant Packaging
Aluminum moistue-proof bag
Label
Desiccant
Label
TR10


Similar Part No. - 91-21SUBC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
91-21SUBC-S400-XX-XXX EVERLIGHT-91-21SUBC-S400-XX-XXX Datasheet
272Kb / 10P
   1.9mm Round Subminiature Lead LEDs
logo
HK TO-GRACE TECHNOLOGY ...
91-21SUBC-S400-XX-XXX TO-GRACE-91-21SUBC-S400-XX-XXX Datasheet
1,005Kb / 10P
   1.9mm Round Subminiature Lead LEDs
91-21SUBC/S400-XX/XXX TO-GRACE-91-21SUBC/S400-XX/XXX Datasheet
1,005Kb / 10P
   1.9mm Round Subminiature Lead LEDs
More results

Similar Description - 91-21SUBC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
95-21SUBC EVERLIGHT-95-21SUBC Datasheet
227Kb / 10P
   1.9mm Round Subminiature Lead LEDs
95-21SUGC EVERLIGHT-95-21SUGC Datasheet
221Kb / 10P
   1.9mm Round Subminiature Lead LEDs
95-21UBC EVERLIGHT-95-21UBC Datasheet
219Kb / 10P
   1.9mm Round Subminiature Lead LEDs
91-21SURC-S530-XX-XXX EVERLIGHT-91-21SURC-S530-XX-XXX Datasheet
253Kb / 11P
   1.9mm Round Subminiature Lead LEDs
logo
HK TO-GRACE TECHNOLOGY ...
95-21SUBC-S400-XX-XXX TO-GRACE-95-21SUBC-S400-XX-XXX Datasheet
834Kb / 10P
   1.9mm Round Subminiature Lead LEDs
logo
Everlight Electronics C...
95-21SUBC-S400-XX-XXX EVERLIGHT-95-21SUBC-S400-XX-XXX Datasheet
231Kb / 10P
   1.9mm Round Subminiature Lead LEDs
95-21UYC-S530-XX-XX EVERLIGHT-95-21UYC-S530-XX-XX Datasheet
297Kb / 10P
   1.9mm Round Subminiature Lead LEDs
logo
HK TO-GRACE TECHNOLOGY ...
91-21SUBC-S400-XX-XXX TO-GRACE-91-21SUBC-S400-XX-XXX Datasheet
1,005Kb / 10P
   1.9mm Round Subminiature Lead LEDs
91-21SURC-S530-XX-XXX TO-GRACE-91-21SURC-S530-XX-XXX Datasheet
1Mb / 11P
   1.9mm Round Subminiature Lead LEDs
91-21UBC-C430-XXX TO-GRACE-91-21UBC-C430-XXX Datasheet
1Mb / 11P
   1.9mm Round Subminiature Lead LEDs
logo
Everlight Electronics C...
91-21UYC EVERLIGHT-91-21UYC Datasheet
247Kb / 10P
   1.9mm Round Subminiature Lead LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com