Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX3H-869.50-10 Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # TX3H-869.50-10
Description  UHF Wide Band FM 450mW Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TX3H-869.50-10 Datasheet(HTML) 3 Page - Radiometrix Ltd

  TX3H-869.50-10 Datasheet HTML 1Page - Radiometrix Ltd TX3H-869.50-10 Datasheet HTML 2Page - Radiometrix Ltd TX3H-869.50-10 Datasheet HTML 3Page - Radiometrix Ltd TX3H-869.50-10 Datasheet HTML 4Page - Radiometrix Ltd TX3H-869.50-10 Datasheet HTML 5Page - Radiometrix Ltd TX3H-869.50-10 Datasheet HTML 6Page - Radiometrix Ltd TX3H-869.50-10 Datasheet HTML 7Page - Radiometrix Ltd TX3H-869.50-10 Datasheet HTML 8Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Radiometrix Ltd, TX3H Data Sheet
page 3
User interface
7 holes of 0.7 mm dia.
pin spacing 2.54 mm
12
3
45
6
7
5.5mm
45mm
17mm
15.24 mm
pin spacing:
2.54 mm
1 = RF gnd
2 = RF out
3 = RF gnd
4 = En
5 = Vcc
6 = 0V
7 = TXD
TX3H-869.50-10
Figure 3: TX3H pin-out and dimension (compared to TX3A)
TX1H pin
Name
Function
1, 3
RFgnd
RF Ground
2
RF out
50
Ω RF output to the antenna
4
EN
Pull high to enable TX. <0.15V shuts down module (current <1µA).
5
VCC
5V regulated DC power supply
6
0V
Ground
7
TXD
DC coupled input for 5V CMOS logic. Rin = 100k
Note: Pin out as TX1H and standard TX3A
Condensed specifications:
Operating temperature: -40°C to +85°C
(Figures apply at +25°C, 5.0V supply unless otherwise stated)
pin
min.
typ.
max.
units
notes
Supply
Supply voltage
5
4.9
5
5.1
V
8
Supply current
5
-
310
-
mA
Standby current (EN <0.15V)
5
-
-
1
µA
8
RF
RF power output
2
+25.5
+26.5
+27
dBm
1
Spurious emissions,
≤1GHz
2
-
-
-54
dBm
2
Spurious emissions,
≥ 1GHz
2
-
-
-40
dBm
2
RF centre frequency
-
869.50
-
MHz
3
Initial Frequency accuracy
-15
0
+15
kHz
Overall Frequency accuracy
-40
0
+40
kHz
4
FM deviation (peak)
-
±27
-
kHz
5
Antenna pin impedance
2
-
50
-
Number of channels
-
1
-
Baseband
Modulation bandwidth @ -3dB
DC
-
8
kHz
6
Maximum raw data rate
-
-
16
kbps
6
TXD input level (logic low)
6
-
0
-
V
7
TXD input level (logic high)
6
-
5.0
-
V
7
Dynamic timing
TX enable to full RF
-
53
55
ms
8
Notes:
1. Measured into 50
Ω resistive load
2. Meets EN requirements at all frequencies
3. There is a <10% duty cycle restriction on 869.50 MHz in EU member states
4. Total over full supply and temperature range
5. With 0V – 5.0V modulation input
6. 5V CMOS compatible
7. To achieve specified FM deviation
8. Supply to Vcc must be constant and should not be used for power up of tx (use EN)


Similar Part No. - TX3H-869.50-10

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TX3-801B QUARTZCOM-TX3-801B Datasheet
129Kb / 1P
   SMD TCXO Clipped sine wave Tight frequency stability vs. temperature
TX3-801BL QUARTZCOM-TX3-801BL Datasheet
129Kb / 1P
   SMD TCXO Clipped sine wave Tight frequency stability vs. temperature
TX3-801BM QUARTZCOM-TX3-801BM Datasheet
129Kb / 1P
   SMD TCXO Clipped sine wave Tight frequency stability vs. temperature
TX3-801BS QUARTZCOM-TX3-801BS Datasheet
129Kb / 1P
   SMD TCXO Clipped sine wave Tight frequency stability vs. temperature
TX3-801H QUARTZCOM-TX3-801H Datasheet
112Kb / 1P
   SMD TCXO HCMOS Output frequency up to 50 MHz
More results

Similar Description - TX3H-869.50-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX3B-869.85-64 RADIOMETRIX-TX3B-869.85-64 Datasheet
145Kb / 2P
   869MHz Wide Band FM Transmitter
TX3B-869-64 RADIOMETRIX-TX3B-869-64 Datasheet
453Kb / 2P
   869MHz Wide Band FM Transmitter
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
MTX2 RADIOMETRIX-MTX2 Datasheet
315Kb / 10P
   UHF Narrow Band FM sub-miniature transmitter
RDL2 RADIOMETRIX-RDL2_12 Datasheet
463Kb / 7P
   UHF Multi Channel Wide Band FM Transceiver
RDL2 RADIOMETRIX-RDL2 Datasheet
235Kb / 7P
   UHF Multi Channel Wide Band FM Transceiver
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175 Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com