Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV992IYD Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV992IYD
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV992IYD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV992IYD Datasheet HTML 7Page - STMicroelectronics TSV992IYD Datasheet HTML 8Page - STMicroelectronics TSV992IYD Datasheet HTML 9Page - STMicroelectronics TSV992IYD Datasheet HTML 10Page - STMicroelectronics TSV992IYD Datasheet HTML 11Page - STMicroelectronics TSV992IYD Datasheet HTML 12Page - STMicroelectronics TSV992IYD Datasheet HTML 13Page - STMicroelectronics TSV992IYD Datasheet HTML 14Page - STMicroelectronics TSV992IYD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TSV991-TSV992-TSV994
Package information
11/18
3.1
SOT23-5 package information
Figure 14.
SOT23-5 package mechanical drawing
Table 6.
SOT23-5 package mechanical data
Ref.
Dimensions
Millimeters
Mils
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45
35.4
57.1
A1
0.00
0.15
0.00
5.9
A2
0.90
1.30
35.4
51.2
b
0.35
0.50
13.7
19.7
C
0.09
0.20
3.5
7.8
D
2.80
3.00
110.2
118.1
E
2.60
3.00
102.3
118.1
E1
1.50
1.75
59.0
68.8
e
0.95
37.4
e1
1.9
74.8
L
0.35
0.55
13.7
21.6


Similar Part No. - TSV992IYD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSV992IYDT ETC2-TSV992IYDT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
More results

Similar Description - TSV992IYD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991 Datasheet
483Kb / 18P
   Rail-to-rail input/output 20MHz GBP operational amplifiers
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
[Old version datasheet]   17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com