Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV991IYDT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV991IYDT
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV991IYDT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV991IYDT Datasheet HTML 6Page - STMicroelectronics TSV991IYDT Datasheet HTML 7Page - STMicroelectronics TSV991IYDT Datasheet HTML 8Page - STMicroelectronics TSV991IYDT Datasheet HTML 9Page - STMicroelectronics TSV991IYDT Datasheet HTML 10Page - STMicroelectronics TSV991IYDT Datasheet HTML 11Page - STMicroelectronics TSV991IYDT Datasheet HTML 12Page - STMicroelectronics TSV991IYDT Datasheet HTML 13Page - STMicroelectronics TSV991IYDT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Package information
TSV991-TSV992-TSV994
10/18
3
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.
Note:
All packages are Moisture Sensitivity Level 1 as per Jedec J-STD-020-C, except SO-14
which is Jedec level 3.


Similar Part No. - TSV991IYDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSV991IYLT ETC2-TSV991IYLT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
More results

Similar Description - TSV991IYDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991 Datasheet
483Kb / 18P
   Rail-to-rail input/output 20MHz GBP operational amplifiers
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
[Old version datasheet]   17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com