Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB0805A1800AWTR Datasheet(PDF) 2 Page - AVX Corporation

Part # DB0805A1800AWTR
Description  Thin-Film Directional Couplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DB0805A1800AWTR Datasheet(HTML) 2 Page - AVX Corporation

  DB0805A1800AWTR Datasheet HTML 1Page - AVX Corporation DB0805A1800AWTR Datasheet HTML 2Page - AVX Corporation DB0805A1800AWTR Datasheet HTML 3Page - AVX Corporation DB0805A1800AWTR Datasheet HTML 4Page - AVX Corporation DB0805A1800AWTR Datasheet HTML 5Page - AVX Corporation DB0805A1800AWTR Datasheet HTML 6Page - AVX Corporation DB0805A1800AWTR Datasheet HTML 7Page - AVX Corporation DB0805A1800AWTR Datasheet HTML 8Page - AVX Corporation DB0805A1800AWTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
54
3
Thin-Film Directional Couplers
DB0805 3dB 90° Couplers
I. Loss 1
I. Loss 2
-3.0
-3.2
-3.4
-3.6
-3.8
850
865
880
895
910
Frequency (MHz)
R. Loss
Isolation
-10
-12
-14
-16
-18
-20
-22
-24
-26
-28
-30
850
855
880
905
930
Frequency (MHz)
880 ± 30MHz DB0805A0880AWTR


Similar Part No. - DB0805A1800AWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
DB0805A2017ASTR AVX-DB0805A2017ASTR Datasheet
71Kb / 3P
   Miniature 0805 size
More results

Similar Description - DB0805A1800AWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805SMD AVX-CP0805SMD Datasheet
169Kb / 6P
   Thin-Film Directional Couplers
CP0805 AVX-CP0805 Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
CP0603SMD AVX-CP0603SMD Datasheet
126Kb / 4P
   Thin-Film Directional Couplers
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
DB0603N AVX-DB0603N Datasheet
133Kb / 11P
   Thin-Film Directional Couplers
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com