Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3X-NM41 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3X-NM41
Description  Teaching Optical Fiber Photoelectric Sensor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-NM41 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3X-NM41 Datasheet HTML 6Page - Omron Electronics LLC E3X-NM41 Datasheet HTML 7Page - Omron Electronics LLC E3X-NM41 Datasheet HTML 8Page - Omron Electronics LLC E3X-NM41 Datasheet HTML 9Page - Omron Electronics LLC E3X-NM41 Datasheet HTML 10Page - Omron Electronics LLC E3X-NM41 Datasheet HTML 11Page - Omron Electronics LLC E3X-NM41 Datasheet HTML 12Page - Omron Electronics LLC E3X-NM41 Datasheet HTML 13Page - Omron Electronics LLC E3X-NM41 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
E3X-N
E3X-N
10
* Average at 10% decrease of sensing distance
Slot Sensor
Model
Ambient temperature
Ambient humidity
Permissible
bending radius
Material
Degree of
protection
E32-G14
Operating: –40
°C to 70°C
(with no icing)
Operating: 35% to 85%
25 mm min.
Fiber sheath: Black
polyethylene
IEC60529
IP67
High-precision Screen Fiber Unit
Model
Ambient temperature
Ambient humidity
Permissible
bending radius*1
Material
Degree of
protection
E32-T16P
Operating: –40
°C to
70
°C (with no icing)
Operating: 35% to
85%
10 mm min.
Sensing head:
Heat-resistive ABS
Fiber sheath: Vinyl chloride
IEC60529
IP50
E32-T16
25 mm min.
Sensing head:
Heat-resistive ABS
Sensing surface: PMMA Fiber sheath:
Black polyethylene
IEC60529
IP67
*1 Average at 10% decrease of sensing distance
*2 Attachments: two slits each (0.5 mm and 1.0 mm wide)
Attachments
Name
Small Spot Lens Unit
Long Distance Lens Unit
Applications
Detection over
0.5-mm-dia. spots
Increasing sensing distance
Model
E39-F3A
E39-F1
Appearance
Reflective
Through-beam
(separate)
Applicable fibers
E32-D32
E32-T11L
E32-TC200
E32-T61
E32-T11
With
E3X NT
jj
Sensing distance
22 mm*1
1,280 mm
2,100 mm
1,400 mm
E3X-NT
jj
Standard object
White paper 2.5 x 2.5 cm
Opaque objects: 4-mm dia. min.
With
E3X NM
jj
Sensing distance
20 mm*1
1,200 mm
2,000 mm
1,300 mm
E3X-NM
jj
Standard object
White paper 2.5 x 2.5 cm
Opaque objects: 4-mm dia. min.
With
E3X NV21
Sensing distance
22 mm*1
1,280 mm
2,100 mm
1,400 mm
E3X-NV21
Standard object
White paper 2.5 x 2.5 cm
Opaque objects: 4-mm dia. min.
With
E3X NVG21
Sensing distance
---
120 mm
190 mm*2
120 mm
E3X-NVG21
Standard object
---
Opaque objects: 4-mm dia. min.
Directivity
---
5
° to 40°
Differential travel
20% of sensing distance
---
Ambient temperature
Operating: –40
°C to 70°C
E32-T61: –40
°C to 200°C (Do not exceed the operating
temperature of the fiber. )
Material
Shaft
Aluminum
Brass
Lens
Optical glass
Base
---
Reflector
---
*1 When inserting 15 mm.
*2 130 mm for the E32-T61.


Similar Part No. - E3X-NM41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-NM41 OMRON-E3X-NM41 Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
More results

Similar Description - E3X-NM41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X OMRON-E3X Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
   Fine Tuning Fiber Photoelectric Sensor
E32S15105M OMRON-E32S15105M Datasheet
844Kb / 10P
   Optical Fiber Glossy Object Sensor
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com