Electronic Components Datasheet Search
Selected language     English  ▼
Part Name

4XLMF Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part No. 4XLMF
Description  2 and 4 Zone Conventional Fire Alarm Control Panels
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONEYWELL [Honeywell Solid State Electronics Center]
Homepage  http://honeywell.com/Pages/Home.aspx

 1 page
background image
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2007 by Honeywell International Inc. All rights reserved.
9021-60292 Rev. A page 1 of 2
Flex Series
GWF402 and
2 and 4 Zone Conventional
Fire Alarm Control Panels
366-04-E 7165-1288:180
An ISO 9000-2000 Company
i 3™ is a trademark of Honeywell International Inc.
UL® is a registered trademark of Underwriter’s Laboratories Inc.
The Flex 402 is a two zone fire alarm control panel (FACP)
and the Flex 404 is a four zone FACP. These control pan-
els provide reliable fire signaling protection for small to
medium sized retail, office, multi-family, or other similar
commercial or institutional building.
Initiating device circuits (IDCs) for Flex Series panels are
power limited and operate in Style B (Class B). Each panel
is compatible with conventional input devices such as two-
wire smoke detectors, four-wire smoke detectors, pull sta-
tions, water flow devices, tamper switches and other nor-
mally-open contact devices. This includes System Sensor
i3™ Series microprocessor-based detectors with advanced
features like drift compensation, maintenance alert and
freeze warning. (See Device Compatibility Document PN
52195 for a listing of compatible devices.)
Outputs include one notification appliance circuit (NAC) on
the Flex 402 and two NACs on the Flex 404. NACs are
power limited and operate in Style Y (Class B). Each FACP
has a Form-C Alarm and Trouble relay and 24 VDC special
applications resettable power. In addition, the Flex 404 has
a Form-C Supervisory relay and a special application non-
resettable power output. The FACP supervises wiring, AC
voltage and battery level.
Activation of a compatible smoke detector or any normally-
open fire alarm initiating device will activate audible and
visual signaling devices, illuminate an indicating LED,
sound the piezo sounder at the FACP, activate the FACP
alarm relay and operate and optional modules used to
notify a remote station or initiate an auxiliary control
Both the Flex 402 and Flex 404 fire alarm control panels
are listed to UL
® Standard 864, 9th Edition.
Flex 402: Two Style B (Class B) IDC zones, one Style Y
(Class B) NAC
Flex 404: Four Style B (Class B) IDC zones, two Style Y
(Class B) NACs
Optional NAC Class A converter module (Flex 404)
NAC synchronization and programmability features:
- ADA compliant strobe synchronization
- ANSI audible signals as required by NFPA 72
- Silence inhibit, auto-silence, non-silenceable
- Selective Silence: mute horns, keep strobes lit
- Temporal or steady signal
Silent or audible walk test from front keypad
Zone disable, alarm verification selectable per zone
Controls: Acknowledge, Alarm, Silence, Reset,
Walktest, Zone enable/disable
LED indicators: Alarm, Supervisory, Maintenance,
Trouble (one per zone): AC, NAC / Zone disable, NAC
fault, System / Power Trouble, Walktest, Alarm Silence,
Charger / Battery / Earth Fault (on pcb)
Alarm verification
Low AC voltage sense, automatic battery charger
Piezo sounder for alarm, trouble, and supervisory
GWF402 (left) and GWF404 (right)

Html Pages

1  2 

Datasheet Download

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FLEX405Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability 1 2 3 4 List of Unclassifed Manufacturers
U641B_05Interval and Wipe/Wash Wiper Control IC with Delay 1 2 3 4 5 MoreATMEL Corporation
EMC6D102_06Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features 1 2 3 4 5 MoreSMSC Corporation
MLM-170Visible LED Conventional Brightness-GaP GaAsP and AlGaAs 1 2 Micro Electronics
PS12034Acoustic noise-less 0.75kW/400V AC Class 3 phase inverters motor control applications and motors with built-in small size inverter package 1 2 3 4 5 Mitsubishi Electric Semiconductor
TLP222A_07Measurement and Control Equipment 1 2 3 4 5 MoreToshiba Semiconductor
TA48S00AF1A Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
MLX90614Single and Dual Zone 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADT7483ADual Channel Temperature Sensor and Over Temperature Alarm 1 2 3 4 5 MoreAnalog Devices
MIC682002A Sequencing LDO with Tracking and Ramp Control 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    

Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl