Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQXO-71I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IQXO-71I
Description  SURFACE MOUNT SPXOs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQXO-71I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IQXO-71I Datasheet HTML 1Page - List of Unclassifed Manufacturers IQXO-71I Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Europe Tel: +44 (0)1460 270200
Fax: +44 (0)1460 72578
Website: www.cmac.com/mt/
Americas Tel: +1 919 474 3500
Fax: +1 919 941 0530
188
Asia Tel: +86 (21) 6488 6663 Fax: +86 (21) 6428 2466
IQXO-70, -71
ISSUE 7; 13 SEPTEMBER 1999
Delivery Options
Please contact our sales office for current leadtimes
Output Compatibility
Tri-state HCMOS/TTL (5.0V) (IQXO-70)
Tri-state HCMOS (3.3V) (IQXO-71)
Package Outline
SMD (surface mount device) ceramic package.
Available over –10 to 70°C (IQXO-70, -71) or
–40 to 85°C (IQXO-70I, -71I)
Standard Frequency Stabilities
±25ppm (not available over –40 to 85°C), ±50ppm,
±100ppm (inclusive of supply voltage & output load
variations over the operating temperature range)
Operating Temperature Range
–10 to 70°C (IQXO-70, -71)
–40 to 85°C (IQXO-70I, -71I)
Storage Temperature Range
–55 to 125°C
Tri-state Operation
Logic ‘1’ to pad 1 enables oscillator output, 2.2V min
Logic ‘0’ to pad 1 disables oscillator output; when
disabled the oscillator output goes to the high
impedance state, 0.8V max
No connection to pad 1 enables oscillator output
Marking
Model number (+ Operating Temperature Code; if
applicable)
Frequency Stability Code
Frequency
Minimum Order Information Required
Frequency + Model Number + Operating Temperature
Code (if applicable) + Frequency Stability
Please refer to our programmable oscillator chapter for
fast make products
Output Waveform
Outline in mm - (scale 2:1)
Pad connections:
1. Enable/Disable
2. Ground
3. Output
4. +Vs
5.08
5.0
1.5
Actual Size
7.5
1
2
3
4
2.6
1.4
0.1
Solder pad layout
1.8
2.0
4.2
5.08
1.21
1.2
1.21
tr
tf
t
T
90%Vs
10%Vs
50%Vs
0V
+Vs
2.4V
0.4V
Duty cycle = t x 100(%)
T
1.4V
Typical Solder Condition - Infrared Reflow
˚C
100
0
200
60sec
200sec
1~5 ˚C/sec
1~9 ˚C/sec
1~5 ˚C/sec
245 ˚C
10sec
Time


Similar Part No. - IQXO-71I

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXO-71 IQD-IQXO-71 Datasheet
751Kb / 2P
   Crystal Clock Oscillator Specification
More results

Similar Description - IQXO-71I

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
464 LITTELFUSE-464 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com