Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74FB2033K Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74FB2033K
Description  8-BIT TTL/BTL REGISTERED TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74FB2033K Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74FB2033K Datasheet HTML 5Page - Texas Instruments SN74FB2033K Datasheet HTML 6Page - Texas Instruments SN74FB2033K Datasheet HTML 7Page - Texas Instruments SN74FB2033K Datasheet HTML 8Page - Texas Instruments SN74FB2033K Datasheet HTML 9Page - Texas Instruments SN74FB2033K Datasheet HTML 10Page - Texas Instruments SN74FB2033K Datasheet HTML 11Page - Texas Instruments SN74FB2033K Datasheet HTML 12Page - Texas Instruments SN74FB2033K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SN74FB2033K
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SCBS472G – MAY 1994 – REVISED SEPTEMBER 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
fmax
150
150
MHz
tPLH
AI (through mode)
B
2.8
5.1
6.8
2.8
8.1
ns
tPHL
AI (through mode)
B
2.5
4.2
5.7
2.5
6.1
ns
tPLH
B (th
h
d )
AO
3.1
4.3
5.1
2.2
6.6
ns
tPHL
B (through mode)
AO
3.1
4.2
5.1
2.6
6
ns
tPLH
AI (transparent)
B
2.8
5.1
6.8
2.8
8.1
ns
tPHL
AI (transparent)
B
2.6
4.2
5.7
2.6
6.1
ns
tPLH
B (t
t)
AO
2.2
4.3
6
2.2
6.6
ns
tPHL
B (transparent)
AO
2.5
4.2
5.6
2.5
6
ns
tPLH
OEB
B
2.7
5.1
6.8
2.7
8.3
ns
tPHL
OEB
B
2.4
4.2
5.7
2.4
6.1
ns
tPLH
OEB
B
2.5
4.8
6.4
2.5
7.7
ns
tPHL
OEB
B
2.5
4.3
5.9
2.5
6.4
ns
tPZH
OEA
AO
1.6
3.6
5.1
1.6
5.6
ns
tPZL
OEA
AO
2.3
4.3
5.7
2.3
6
ns
tPHZ
OEA
AO
1.7
4
5.5
1.7
5.9
ns
tPLZ
OEA
AO
1.2
2.9
4.4
1.2
4.7
ns
tPLH
CLKAB/LEAB
B
5.2
6.5
7.8
3.7
9.9
ns
tPHL
CLKAB/LEAB
B
3.8
5.4
7.1
3.4
7.7
ns
tPLH
CLKBA/LEBA
AO
1.7
3.8
5.5
1.7
5.9
ns
tPHL
CLKBA/LEBA
AO
1.8
3.6
5.1
1.8
5.5
ns
tPLH
OMODE
B
2.9
6.6
8.4
2.9
10
ns
tPHL
OMODE
B
3
5.7
7.5
3
8.3
ns
tPLH
IMODE
AO
1.4
4.1
5.8
1.4
6.4
ns
tPHL
IMODE
AO
1.9
4.2
5.7
1.9
5.9
ns
tPLH
LOOPBACK
AO
2
5.2
7.3
2
8.2
ns
tPHL
LOOPBACK
AO
2.6
4.8
6.3
2.6
6.4
ns
tPLH
AI
AO
1.7
3.9
5.6
1.7
6.1
ns
tPHL
AI
AO
2.2
4.3
5.7
2.2
5.9
ns
tr
Rise time, 1.3 V to 1.8 V, B port
1.8
2.5
3.8
1.7
4
ns
tf
Fall time, 1.8 V to 1.3 V, B port
1.7
2.5
3.8
1.5
4
ns
tr
Rise time, 10% to 90%, AO
2.5
3.4
4.8
2
5
ns
tf
Fall time, 90% to 10%, AO
1.5
2.5
3.8
1
5
ns
B-port input pulse rejection
1
ns
output-voltage characteristics
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOHP
Peak output voltage during turnoff of 100 mA into 40 nH
B port
See Figure 1
3
V
VOHV
Minimum output voltage during turnoff of 100 mA into 40 nH
B port
See Figure 1
1.62
V
VOLV
Minimum output voltage during high-to-low switch
B port
IOL = –50 mA
0.3
V


Similar Part No. - SN74FB2033K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033KRC TI-SN74FB2033KRC Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033KRCR TI-SN74FB2033KRCR Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results

Similar Description - SN74FB2033K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
NXP Semiconductors
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com