Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGIB10B60KD1PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGIB10B60KD1PBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGIB10B60KD1PBF Datasheet(HTML) 2 Page - International Rectifier

  IRGIB10B60KD1PBF Datasheet HTML 1Page - International Rectifier IRGIB10B60KD1PBF Datasheet HTML 2Page - International Rectifier IRGIB10B60KD1PBF Datasheet HTML 3Page - International Rectifier IRGIB10B60KD1PBF Datasheet HTML 4Page - International Rectifier IRGIB10B60KD1PBF Datasheet HTML 5Page - International Rectifier IRGIB10B60KD1PBF Datasheet HTML 6Page - International Rectifier IRGIB10B60KD1PBF Datasheet HTML 7Page - International Rectifier IRGIB10B60KD1PBF Datasheet HTML 8Page - International Rectifier IRGIB10B60KD1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRGIB10B60KD1PbF
2
www.irf.com
 Vcc =80% (VCES), VGE = 15V, L =100µH, RG = 50Ω.
‚ Energy losses include "tail" and diode reverse recovery.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
V
VGE = 0V, IC = 500µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage —0.99
V/°C VGE = 0V, IC = 1mA (25°C-150°C)
1.50
1.70
2.10
IC = 10A, VGE = 15V, TJ = 25°C
VCE(on)
Collector-to-Emitter Voltage
2.05
2.35
V
IC = 10A, VGE = 15V, TJ = 150°C
2.06
2.35
IC = 10A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
3.5
4.5
5.5
V
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Threshold Voltage temp. coefficient
-10
mV/°C VCE = VGE, IC = 1mA (25°C-150°C)
gfe
Forward Transconductance
5.0
S
VCE = 50V, IC = 10A, PW = 80µs
—1.0
150
VGE = 0V, VCE = 600V
ICES
Zero Gate Voltage Collector Current
90
250
µA VGE = 0V, VCE = 600V, TJ = 150°C
150
400
VGE = 0V, VCE = 600V, TJ = 175°C
VFM
Diode Forward Voltage Drop
1.80
2.40
V
IF = 5.0A, VGE = 0V
1.32
1.74
IF = 5.0A, VGE = 0V, TJ = 150°C
1.23
1.62
IF = 5.0A, VGE = 0V, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
±100
nA VGE = ±20V, VCE = 0V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
41
62
IC = 10A
Qge
Gate-to-Emitter Charge (turn-on)
4.6
6.9
nC VCC = 400V
Qgc
Gate-to-Collector Charge (turn-on)
19
29
VGE = 15V
Eon
Turn-On Switching Loss
156
264
IC = 10A, VCC = 400V
Eoff
Turn-Off Switching Loss
165
273
µJ
VGE = 15V, RG = 50Ω, L = 1.07mH
Etot
Total Switching Loss
321
434
Ls= 150nH, TJ = 25°C
d
td(on)
Turn-On delay time
25
33
IC = 10A, VCC = 400V
tr
Rise time
24
34
ns
VGE = 15V, RG = 50Ω, L = 1.1mH
td(off)
Turn-Off delay time
180
250
Ls= 150nH, TJ = 25°C
tf
Fall time
62
87
Eon
Turn-On Switching Loss
261
372
IC = 10A, VCC = 400V
Eoff
Turn-Off Switching Loss
313
425
µJ
VGE = 15V, RG = 50Ω, L = 1.07mH
Etot
Total Switching Loss
574
694
Ls= 150nH, TJ = 150°C
d
td(on)
Turn-On delay time
22
31
IC = 8.0A, VCC = 400V
tr
Rise time
24
34
ns
VGE = 15V, RG = 50Ω, L = 1.07mH
td(off)
Turn-Off delay time
240
340
Ls= 150nH, TJ = 150°C
tf
Fall time
48
67
LE
Internal Emitter Inductance
7.5
nH Measured 5 mm from package
Cies
Input Capacitance
610
915
VGE = 0V
Coes
Output Capacitance
66
99
pF VCC = 30V
Cres
Reverse Transfer Capacitance
23
35
f = 1.0MHz
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
TJ = 150°C, IC = 32A, Vp = 600V
VCC=500V,VGE = +15V to 0V,RG = 50Ω
SCSOA
Short Circuit Safe Operating Area
10
µs TJ = 150°C, Vp = 600V, RG = 50Ω
VCC=360V,VGE = +15V to 0V
ISC (PEAK)
Peak Short Circuit Collector Current
100
A
Erec
Reverse Recovery Energy of the Diode
99
128
µJ
TJ = 150°C
trr
Diode Reverse Recovery Time
79
103
ns
VCC = 400V, IF = 10A, L = 1.07mH
Irr
Peak Reverse Recovery Current
14
18
A
VGE = 15V, RG = 50Ω
Qrr
Diode Reverse Recovery Charge
553
719
nC di/dt = 500A/µs


Similar Part No. - IRGIB10B60KD1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGIB10B60KD1P IRF-IRGIB10B60KD1P Datasheet
452Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB10B60KD1P IRF-IRGIB10B60KD1P Datasheet
453Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB10B60KD1P IRF-IRGIB10B60KD1P_15 Datasheet
453Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGIB10B60KD1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com