Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC28IRGZR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC28IRGZR
Description  STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC28IRGZR Datasheet(HTML) 1 Page - Texas Instruments

  TLV320AIC28IRGZR Datasheet HTML 1Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 2Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 3Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 4Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 5Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 6Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 7Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 8Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
TLV320AIC28
SLAS418B − FEBRUARY 2004 − REVISED MAY 2005
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND
SPEAKER AMPLIFIERS
FEATURES
D Stereo Audio DAC and Mono Audio ADC
Support Rates Up to 48 ksps
D High Quality 95-dB Stereo Audio Playback
Performance
D MIC Preamp and Hardware Automatic Gain
Control With Up to 59.5-dB Gain
D Stereo 16-W Headphone Amplifier With
Capless Output Option
D 400-mW 8-W Audio Power Amp With Direct
Battery Supply Connection
D 32-W Differential Earpiece Driver
D Integrated PLL For Flexible Audio Clock
Generation
D Low Power 19-mW Stereo Audio Playback at
48 ksps and 3.3-V Analog Supply level
D Programmable Digital Audio Bass/Treble/
EQ/De-Emphasis
D Auto-Detection of Jack Insertion, Headset
Type, and Button Press
D Direct Battery Measurement Accepts Up to
6-V Input
D On-Chip Temperature and Auxiliary Input
Measurement
D Programmable Measurement Converter
Resolution, Speed, Averaging, and Timing
D SPIand I2SSerial Interfaces
D Full Power-Down Control
D 48-Pin QFN Package
APPLICATIONS
D Personal Digital Assistants
D Cellular Smartphones
D Digital Still Cameras
D Digital Camcorders
D MP3 Players
DESCRIPTION
The TLV320AIC28 is a low-power, high-performance
audio codec with 16/20/24/32-bit 95-dB stereo playback,
mono record functionality at up to 48 ksps. Two
microphone inputs include independent programmable
bias voltages, built-in pre-amps, and hardware automatic
gain control, with single-ended or fully-differential signal
input capabilities.
The stereo 16-
Ω headphone drivers on the AIC28 support
capless as well as ac-coupled output configurations. An
8-
Ω BTL differential speaker driver provides up to 400 mW
of power and 98-dB SNR, while a differential driver is also
available for driving a 32-
Ω speaker or telephone earpiece.
A programmable digital audio effects processor enables
bass,
treble,
midrange,
or
equalization
playback
processing. The digital audio data format is programmable
to work with popular audio standard protocols (I2S, DSP,
left/right justified) in master or slave mode, and also
includes an on-chip programmable PLL for flexible clock
generation capability. Highly configurable software power
control is provided, enabling 48 ksps stereo audio
playback to 16-
Ω headphones at 19 mW with a 3.3-V
analog supply level.
The AIC28 offers a 12-bit measurement ADC and internal
reference voltage. It includes an on-chip temperature
sensor capable of reading 0.3
°C resolution, as well as a
battery measurement input capable of reading battery
voltages up to 6 V, while operating at an analog supply as
low as 3 V. The AIC28 is available in a 48-lead 7 x 7 mm
QFN package.
US Patent No. 624639
SPI is a trademark of Motorola, Inc. I2S is a trademark of Philips Corporation.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004 − 2005, Texas Instruments Incorporated


Similar Part No. - TLV320AIC28IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC28IRGZR TI-TLV320AIC28IRGZR Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28IRGZRG4 TI-TLV320AIC28IRGZRG4 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results

Similar Description - TLV320AIC28IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_07 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com