Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC28 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV320AIC28
Description  STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC28 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC28_08 Datasheet HTML 4Page - Texas Instruments TLV320AIC28_08 Datasheet HTML 5Page - Texas Instruments TLV320AIC28_08 Datasheet HTML 6Page - Texas Instruments TLV320AIC28_08 Datasheet HTML 7Page - Texas Instruments TLV320AIC28_08 Datasheet HTML 8Page - Texas Instruments TLV320AIC28_08 Datasheet HTML 9Page - Texas Instruments TLV320AIC28_08 Datasheet HTML 10Page - Texas Instruments TLV320AIC28_08 Datasheet HTML 11Page - Texas Instruments TLV320AIC28_08 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
TLV320AIC28
SLAS418B − FEBRUARY 2004 − REVISED MAY 2005
www.ti.com
8
ELECTRICAL CHARACTERISTICS (continued)
At +25
°C, AVDD1, AVDD2, DRVDD, IOVDD = 3.3 V, BVDD = 3.9 V, DVDD = 1.8 V, Vref = 2.5 V, Fs (Audio) = 48 kHz, unless otherwise noted
(continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY REQUIREMENTS
Power supply voltage
AVDD1, AVDD2
3
3.3
3.6
V
DRVDD
3
3.3
3.6
V
BVDD
3
4.2
V
IOVDD
Max MCLK = 100 MHz
2
3.6
V
IOVDD
Max MCLK = 50 MHz
1.1
3.6
V
DVDD
1.65
1.8
1.95
V
IAVDD1 with loudspeaker output (no signal),
PLL off
3.1
Analog supply current – audio play back only
IBVDD with loudspeaker output (no signal),
PLL off
7.5
mA
Analog supply current – audio play back only
IAVDD1 with headphone output (no signal),
VGND off, PLL off
2.5
mA
IDRVDD with headphone output (no signal),
VGND off, PLL off
3.5
Digital supply current – audio play back only
IDVDD, PLL off
2.5
mA
(1)
IAVDD1, headset mic, PLL off
5.2
mA
Analog supply current − mic record only(1)
IBVDD, headset mic, PLL off
270
µA
Analog supply current − mic record only(1)
IAVDD1, handset mic, PLL off
5.6
mA
Digital supply current – mic record only
IDVDD, PLL off
1.4
mA
Analog supply current
IAVDD2, PLL on
1.3
mA
Digital supply current
IDVDD, PLL on
0.9
mA
(2)
Hardware power down
27
(2)
Only headset/button detection enabled
50
Total current(2)
Only auto temperature measurement with
5.59 min delay
50
µA
Total current
Headset/button detection and auto
temperature measurement with 5.59 min
delay
65
µA
Default current(3)
IAVDD1 + IAVDD2
66
A
Default current(3)
IBVDD
9
µA
(1) Mic record currents measured with no load on MICBIAS.
(2) Current measured with MICBIAS_HED voltage programmed to 2 V (Page 2, Register 1DH, BIt D8=1).
(3) Default currents measured with device in default mode after reset.


Similar Part No. - TLV320AIC28_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC28IRGZ TI-TLV320AIC28IRGZ Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28IRGZR TI-TLV320AIC28IRGZR Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28IRGZRG4 TI-TLV320AIC28IRGZRG4 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28RGZ TI-TLV320AIC28RGZ Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28RGZR TI-TLV320AIC28RGZR Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results

Similar Description - TLV320AIC28_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_07 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com