Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ALS30A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS30A
Description  8-INPUT POSITIVE-NAND GATES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS30A Datasheet(HTML) 1 Page - Texas Instruments

  SN54ALS30A Datasheet HTML 1Page - Texas Instruments SN54ALS30A Datasheet HTML 2Page - Texas Instruments SN54ALS30A Datasheet HTML 3Page - Texas Instruments SN54ALS30A Datasheet HTML 4Page - Texas Instruments SN54ALS30A Datasheet HTML 5Page - Texas Instruments SN54ALS30A Datasheet HTML 6Page - Texas Instruments SN54ALS30A Datasheet HTML 7Page - Texas Instruments SN54ALS30A Datasheet HTML 8Page - Texas Instruments SN54ALS30A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54ALS30A, SN54AS30, SN74ALS30A, SN74AS30
8-INPUT POSITIVE-NAND GATES
SDAS010C – MARCH 1984 – REVISED NOVEMBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description
These devices contain an 8-input positive-NAND
gate and perform the following Boolean functions
in positive logic:
Y = A
• B • C • D • E • F • G • H or
Y = A + B + C + D + E + F + G + H
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP
N
Tube
SN74ALS30AN
SN74ALS30AN
PDIP – N
Tube
SN74AS30N
SN74AS30N
Tube
SN74ALS30AD
ALS30A
0
°C to 70°C
SOIC
D
Tape and reel
SN74ALS30AD
ALS30A
SOIC – D
Tube
SN74AS30D
AS30
Tape and reel
SN74AS30D
AS30
SSOP – DB
Tape and reel
SN74AS30DBR
AS30
CDIP
J
Tube
SNJ54ALS30AJ
SNJ54ALS30AJ
55
°Cto125°C
CDIP – J
Tube
SNJ54AS30J
SNJ54AS30J
–55
°C to 125°C
LCCC
FK
Tube
SNJ54ALS30AFK
SNJ54ALS30AFK
LCCC – FK
Tube
SNJ54AS30FK
SNJ54AS30FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54ALS30A, SN54AS30 . . . J PACKAGE
SN74ALS30A, SN74AS30 ...D OR N PACKAGE
SN74AS30 . . . DB PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
C
D
E
F
GND
VCC
NC
H
G
NC
NC
Y
SN54ALS30A, SN54AS30 . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
H
NC
G
NC
NC
C
NC
D
NC
E
NC – No internal connection


Similar Part No. - SN54ALS30A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS30A TI-SN54ALS30A Datasheet
94Kb / 6P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A Datasheet
574Kb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A Datasheet
1Mb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A Datasheet
1Mb / 21P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30AFK TI-SN54ALS30AFK Datasheet
94Kb / 6P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN54ALS30A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F30 TI-SN54F30 Datasheet
68Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54AC11030 TI1-54AC11030_09 Datasheet
81Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_07 Datasheet
574Kb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN5430 TI-SN5430 Datasheet
621Kb / 15P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54ACT11030 TI1-54ACT11030_12 Datasheet
393Kb / 7P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54ACT11030 TI-54ACT11030 Datasheet
63Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
REVISED APRIL 1993
SNJ54F30 TI-SNJ54F30 Datasheet
777Kb / 16P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A Datasheet
94Kb / 6P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A_18 Datasheet
1Mb / 21P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com