Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD2710L-10Q68 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # KAD2710L-10Q68
Description  10-Bit, 275MSPS Analog-to-Digital Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD2710L-10Q68 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button KAD2710L-10Q68 Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD2710L-10Q68 Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD2710L-10Q68 Datasheet HTML 9Page - List of Unclassifed Manufacturers KAD2710L-10Q68 Datasheet HTML 10Page - List of Unclassifed Manufacturers KAD2710L-10Q68 Datasheet HTML 11Page - List of Unclassifed Manufacturers KAD2710L-10Q68 Datasheet HTML 12Page - List of Unclassifed Manufacturers KAD2710L-10Q68 Datasheet HTML 13Page - List of Unclassifed Manufacturers KAD2710L-10Q68 Datasheet HTML 14Page - List of Unclassifed Manufacturers KAD2710L-10Q68 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
KAD2710L 10-Bit, 275MSPS Analog-to-Digital Converter
Rev 1.1
Page 11 of 17
AVDD3 = 3.3V, AVDD2=OVDD2 = 1.8V, TAMBIENT (TA) = 25°C, fSAMPLE = 275MHz unless noted.
Figure 15. Output Spectrum at 130.565MHz
Figure 16. Output Spectrum at 143.155MHz
Figure 17. Output Spectrum at 492.965MHz
0
20
40
60
80
100
120
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
Vin = -0.39dBFS
SNR = 55.8dN
SFDR = 68.9dBc
SINAD = 55.5dB
HD2 = -87.5dBc
HD3 = -68.9dBc
0
20
40
60
80
100
120
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
Vin = -0.41dBFS
SNR = 56.0dB
SFDR = 70.9dBc
SINAD = 55.7dB
HD2 = -79.8dBc
HD3 = -70.8dBc
0
20
40
60
80
100
120
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
Vin = -0.36dBFS
SNR = 54.1dB
SFDR = 56.6dBc
SINAD = 51.6dB
HD2 = -56.6dBc
HD3 = -62.2dBc


Similar Part No. - KAD2710L-10Q68

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD2710L-10Q68 INTERSIL-KAD2710L-10Q68 Datasheet
346Kb / 16P
   10-Bit, 275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2710L-10Q68 RENESAS-KAD2710L-10Q68 Datasheet
797Kb / 17P
   10-Bit, 275/210/170/105MSPS A/D Converter
More results

Similar Description - KAD2710L-10Q68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
KAD2708C ETC2-KAD2708C Datasheet
436Kb / 17P
   8-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com