Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD2710C-17Q68 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # KAD2710C-17Q68
Description  10-Bit, 275MSPS Analog-to-Digital Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD2710C-17Q68 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button KAD2710C-17Q68 Datasheet HTML 6Page - List of Unclassifed Manufacturers KAD2710C-17Q68 Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD2710C-17Q68 Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD2710C-17Q68 Datasheet HTML 9Page - List of Unclassifed Manufacturers KAD2710C-17Q68 Datasheet HTML 10Page - List of Unclassifed Manufacturers KAD2710C-17Q68 Datasheet HTML 11Page - List of Unclassifed Manufacturers KAD2710C-17Q68 Datasheet HTML 12Page - List of Unclassifed Manufacturers KAD2710C-17Q68 Datasheet HTML 13Page - List of Unclassifed Manufacturers KAD2710C-17Q68 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
KAD2710C 10-Bit, 275MSPS Analog-to-Digital Converter
Rev 1.1
Page 10 of 17
AVDD3=3.3V, AVDD2=OVDD2 =1.8V, TAMBIENT (TA)=25°C, fSAMPLE=275MHz, VIN = 6.865MHz @ -0.5dBFS unless noted.
Figure 9. SFDR vs. fSAMPLE
Figure 10. Differential Nonlinearity vs. Output Code
Figure 11. Integral Nonlinearity vs. Output Code
Figure 12. Noise Histogram
Figure 13. Output Spectrum at 6.865MHz
Figure 14. Output Spectrum at 68.465MHz
65
66
67
68
69
70
71
72
73
74
75
50
100
150
200
250
300
f
SAMPLE (f S) (MHz)
0
128
256
384
512
640
768
896
1023
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
code
0
128
256
384
512
640
768
896
1023
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
code
508
509
510
511
512
513
514
0
5,000
10,000
15,000
20,000
25,000
30,000
Code
0
20
40
60
80
100
120
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
Vin = -0.25dBFS
SNR = 56.3dB
SFDR = 71.9dBc
SINAD = 56.0dB
HD2 = -81dBc
HD3 = 72dBc
0
20
40
60
80
100
120
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
Vin = -0.22dBFS
SNR = 56.1dB
SFDR = 69.7dBc
SINAD = 55.7dB
HD2 = -86dBc
HD3 = -69dBc


Similar Part No. - KAD2710C-17Q68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD2710C-17Q68 ETC2-KAD2710C-17Q68 Datasheet
436Kb / 17P
   8-Bit, 275MSPS Analog-to-Digital Converter
logo
Intersil Corporation
KAD2710C-17Q68 INTERSIL-KAD2710C-17Q68 Datasheet
332Kb / 16P
   10-Bit, 275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2710C-17Q68 RENESAS-KAD2710C-17Q68 Datasheet
765Kb / 16P
   10-Bit, 275/210/170/105MSPS A/D Converter
More results

Similar Description - KAD2710C-17Q68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
KAD2708C ETC2-KAD2708C Datasheet
436Kb / 17P
   8-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com