Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5512HP-25Q72 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # KAD5512HP-25Q72
Description  High Performance 12-Bit, 250/210/170/125MSPS ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD5512HP-25Q72 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  KAD5512HP-25Q72 Datasheet HTML 1Page - List of Unclassifed Manufacturers KAD5512HP-25Q72 Datasheet HTML 2Page - List of Unclassifed Manufacturers KAD5512HP-25Q72 Datasheet HTML 3Page - List of Unclassifed Manufacturers KAD5512HP-25Q72 Datasheet HTML 4Page - List of Unclassifed Manufacturers KAD5512HP-25Q72 Datasheet HTML 5Page - List of Unclassifed Manufacturers KAD5512HP-25Q72 Datasheet HTML 6Page - List of Unclassifed Manufacturers KAD5512HP-25Q72 Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD5512HP-25Q72 Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD5512HP-25Q72 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
KAD5512HP
Rev 0.5 Preliminary
Page 4
AC Specifications
KAD5512HP-25
KAD5512HP-21
KAD5512HP-17
KAD5512HP-12
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Differential Nonlinearity
DNL
fIN = 10MHz
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
LSB
Integral Nonlinearity
INL
fIN = 10MHz
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
LSB
Signal-to-Noise Ratio
SNR
fIN = 10MHz
67.5
68.0
68.4
68.7
dBFS
fIN = 70MHz
67.4
67.8
68.3
68.6
dBFS
fIN = 140MHz
TBD
67.2
TBD
67.6
TBD
68.0
TBD
68.2
dBFS
fIN = 230MHz
66.9
67.6
68.0
68.0
dBFS
fIN = 400MHz
65.9
TBD
TBD
TBD
dBFS
fIN = 974MHz
62.2
TBD
TBD
TBD
dBFS
Signal-to-Noise and Distortion
SINAD
fIN = 10MHz
66.2
66.7
67.0
67.3
dBFS
fIN = 70MHz
66.1
66.5
67.0
67.3
dBFS
fIN = 140MHz
TBD
65.6
TBD
66.0
TBD
66.4
TBD
66.6
dBFS
fIN = 230MHz
65.4
66.9
67.3
67.3
dBFS
fIN = 400MHz
63.4
TBD
TBD
TBD
dBFS
fIN = 974MHz
54.0
TBD
TBD
TBD
dBFS
Spurious-Free Dynamic Range
SFDR
fIN = 10MHz
85
84
85
84
dBc
fIN = 70MHz
84
83
82
82
dBc
fIN = 140MHz
TBD
83
TBD
80
TBD
78
TBD
77
dBc
fIN = 230MHz
77
77
76
76
dBc
fIN = 400MHz
71
TBD
TBD
TBD
dBc
fIN = 974MHz
57
TBD
TBD
TBD
dBc
Two-Tone SFDR
2TSFDR
fIN = 10MHz
TBD
TBD
TBD
TBD
dBc
fIN = 124MHz
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
dBc
fIN = 170MHz
TBD
TBD
TBD
TBD
dBc
Word Error Rate
10-12
10-12
10-12
10-12
Full Power Bandwidth
FPBW
950
950
950
950
MHz
Effective Number of Bits
ENOB
fIN = 10MHz
10.7
10.8
10.8
10.9
Bits
fIN = 70MHz
10.7
10.8
10.8
10.9
Bits
fIN = 140MHz
TBD
10.6
TBD
10.7
TBD
10.7
TBD
10.8
Bits
fIN = 230MHz
10.6
10.8
10.9
10.9
Bits
fIN = 400MHz
10.2
TBD
TBD
TBD
Bits
fIN = 974MHz
8.7
TBD
TBD
TBD
Bits
Intermodulation Distortion
IMD
fIN = 10MHz
TBD
TBD
TBD
TBD
dBFS
fIN = 70MHz
-91.5
TBD
TBD
TBD
TBD
TBD
TBD
TBD
dBFS
fIN = 170MHz
-86.5
TBD
TBD
TBD
dBFS
Minimum Conversion Rate
fS MIN
TBD
TBD
TBD
TBD
MSPS
Maximum Conversion Rate
fS MAX
250
210
170
125
MSPS


Similar Part No. - KAD5512HP-25Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
684Kb / 32P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP-25Q72 RENESAS-KAD5512HP-25Q72 Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5512HP-25Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512HP INTERSIL-KAD5512HP Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP INTERSIL-KAD5512HP_09 Datasheet
684Kb / 32P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
logo
List of Unclassifed Man...
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com