Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5512P-21Q72 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # KAD5512P-21Q72
Description  Low Power 12-Bit, 250/210/170/125MSPS ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD5512P-21Q72 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button KAD5512P-21Q72 Datasheet HTML 3Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 4Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 5Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 6Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 9Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 10Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
KAD5512P
Rev 0.5 Preliminary
Page 7
Absolute Maximum Ratings1
1. Exposing the device to levels in excess of the maximum ratings may cause permanent damage. Exposure to
maximum conditions for extended periods may affect device reliability.
Thermal Impedance
2. Paddle soldered to ground plane.
ESD
Electrostatic charge accumulates on humans, tools and equipment and may discharge
through any metallic package contacts (pins, balls, exposed paddle, etc.) of an integrated
circuit. Industry-standard protection techniques have been utilized in the design of this prod-
uct. However, reasonable care must be taken in the storage and handling of ESD sensitive
products. Contact Kenet for the specific ESD sensitivity rating of this product.
Parameter
Min
Max
Unit
AVDD to AVSS
-0.4
2.1
V
OVDD to OVSS
-0.4
2.1
V
Analog Inputs to AVSS
-0.4
AVDD + 0.3
V
Clock Inputs to AVSS
-0.4
AVDD + 0.3
V
Logic Input to AVSS
-0.4
OVDD + 0.3
V
Logic Inputs to OVSS
-0.4
OVDD + 0.3
V
Operating Temperature
-40
85
°C
Storage Temperature
-65
150
°C
Junction Temperature
150
°C
AVSS to OVSS
-0.3
0.3
V
Parameter
Symbol
Typ
Unit
Junction to Paddle2
ΦJP
30
°C/W
Junction to Case2
ΦJC
TBD
°C/W
Junction to Ambient2
ΦJA
TBD
°C/W


Similar Part No. - KAD5512P-21Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P-21Q72 INTERSIL-KAD5512P-21Q72 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5512P-21Q72 INTERSIL-KAD5512P-21Q72 Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P-21Q72 RENESAS-KAD5512P-21Q72 Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5512P-21Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com