Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5512P-21Q72 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # KAD5512P-21Q72
Description  Low Power 12-Bit, 250/210/170/125MSPS ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD5512P-21Q72 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  KAD5512P-21Q72 Datasheet HTML 1Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 2Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 3Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 4Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 5Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 6Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD5512P-21Q72 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
KAD5512P
Rev 0.5 Preliminary
Page 5
Digital Specifications
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Inputs
Input Current High (RESETN)
IIH
VIN = 1.8V
0
1
10
µA
Input Current Low (RESETN)
IIL
VIN = 0V
25
50
75
µA
Input Current High (OUTMODE,
NAP/SLP, CLKDIV, OUTFMT )
IIH
TBD
25
TBD
µA
Input Current Low (OUTMODE,
NAP/SLP, CLKDIV, OUTFMT )
IIL
TBD
25
TBD
µA
Input Capacitance
CDI
3
pF
LVDS Outputs
Differential Output Voltage
VT
210
mV
Output Rise Time
tR
500
ps
Output Fall Time
tF
500
ps
CMOS Outputs
Voltage Output High
VOH
OVDD-0.1
V
Voltage Output Low
VOL
0.1
V
Output Offset Voltage
VOS
TBD
mV
Output Rise Time
tR
TBD
ns
Output Fall Time
tF
TBD
ns


Similar Part No. - KAD5512P-21Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P-21Q72 INTERSIL-KAD5512P-21Q72 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5512P-21Q72 INTERSIL-KAD5512P-21Q72 Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P-21Q72 RENESAS-KAD5512P-21Q72 Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5512P-21Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com