Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5610P-17Q72 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # KAD5610P-17Q72
Description  Dual 10-Bit, 250/210/170/125MSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD5610P-17Q72 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  KAD5610P-17Q72 Datasheet HTML 1Page - List of Unclassifed Manufacturers KAD5610P-17Q72 Datasheet HTML 2Page - List of Unclassifed Manufacturers KAD5610P-17Q72 Datasheet HTML 3Page - List of Unclassifed Manufacturers KAD5610P-17Q72 Datasheet HTML 4Page - List of Unclassifed Manufacturers KAD5610P-17Q72 Datasheet HTML 5Page - List of Unclassifed Manufacturers KAD5610P-17Q72 Datasheet HTML 6Page - List of Unclassifed Manufacturers KAD5610P-17Q72 Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD5610P-17Q72 Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD5610P-17Q72 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
KAD5610P
Rev 0.5.1 Preliminary
Page 5
Digital Specifications
Timing Diagrams
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Inputs
Input Current High (RESETN)
IIH
VIN = 1.8V
0
1
10
µA
Input Current Low (RESETN)
IIL
VIN = 0V
25
50
75
µA
Input Current High (OUTMODE,
NAP/SLP, CLKDIV, OUTFMT )
IIH
TBD
25
TBD
µA
Input Current Low (OUTMODE,
NAP/SLP, CLKDIV, OUTFMT )
IIL
TBD
25
TBD
µA
Input Capacitance
CDI
3
pF
LVDS Outputs
Differential Output Voltage
VT
210
mV
Output Rise Time
tR
500
ps
Output Fall Time
tF
500
ps
CMOS Outputs
Voltage Output High
VOH
OVDD-0.1
V
Voltage Output Low
VOL
0.1
V
Output Offset Voltage
VOS
TBD
mV
Output Rise Time
tR
TBD
ns
Output Fall Time
tF
TBD
ns
Figure 1. LVDS Timing Diagram—DDR
Figure 2. CMOS Timing Diagram—DDR


Similar Part No. - KAD5610P-17Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5610P-17Q72 INTERSIL-KAD5610P-17Q72 Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P-17Q72 INTERSIL-KAD5610P-17Q72 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P-17Q72 INTERSIL-KAD5610P-17Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
logo
Renesas Technology Corp
KAD5610P-17Q72 RENESAS-KAD5610P-17Q72 Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
More results

Similar Description - KAD5610P-17Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P_09 Datasheet
575Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P Datasheet
450Kb / 27P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5612P ETC2-KAD5612P Datasheet
681Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P-25Q72 INTERSIL-KAD5612P-25Q72 Datasheet
595Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
September 9, 2009
logo
Renesas Technology Corp
KAD5612P RENESAS-KAD5612P Datasheet
1Mb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com