Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5512P-50Q72 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # KAD5512P-50Q72
Description  12-Bit, 500MSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD5512P-50Q72 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button KAD5512P-50Q72 Datasheet HTML 2Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 3Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 4Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 5Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 6Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 9Page - List of Unclassifed Manufacturers KAD5512P-50Q72 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
KAD5512P-50
Rev 0.5.1 Preliminary
Page 6
Switching Specifications
Absolute Maximum Ratings1
1. Exposing the device to levels in excess of the maximum ratings may cause permanent damage. Exposure to
maximum conditions for extended periods may affect device reliability.
Parameter
Symbol
Min
Typ
Max
Units
ADC
Aperture Delay
tA
375
ps
RMS Aperture Jitter
jA
52
fs
Input Clock to Output Clock Propagation Delay
tCPD
TBD
TBD
TBD
ps
Input Clock to Data Propagation Delay
tPD
TBD
TBD
TBD
ps
Output Clock to Data Propagation Delay
tDC
TBD
TBD
TBD
ps
Latency (Pipeline Delay)
L
15
cycles
Over Voltage Recovery
tOVR
1
cycles
Parameter
Min
Max
Unit
AVDD to AVSS
-0.4
2.1
V
OVDD to OVSS
-0.4
2.1
V
Analog Inputs to AVSS
-0.4
AVDD + 0.3
V
Clock Inputs to AVSS
-0.4
AVDD + 0.3
V
Logic Input to AVSS
-0.4
OVDD + 0.3
V
Logic Inputs to OVSS
-0.4
OVDD + 0.3
V
Operating Temperature
-40
85
°C
Storage Temperature
-65
150
°C
Junction Temperature
150
°C
AVSS to OVSS
-0.3
0.3
V


Similar Part No. - KAD5512P-50Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P-50Q72 INTERSIL-KAD5512P-50Q72 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50Q72 INTERSIL-KAD5512P-50Q72 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50Q72 INTERSIL-KAD5512P-50Q72 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
KAD5512P-50Q72 RENESAS-KAD5512P-50Q72 Datasheet
1Mb / 29P
   12-Bit, 500MSPS A/D Converter
More results

Similar Description - KAD5512P-50Q72

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
ISLA112P50 INTERSIL-ISLA112P50_11 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50 RENESAS-ISLA112P50 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 RENESAS-KAD5512P-50 Datasheet
1Mb / 29P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
ISLA112P50 INTERSIL-ISLA112P50 Datasheet
1Mb / 35P
   12-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com