Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5612P Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # KAD5612P
Description  Dual 12-Bit, 250/210/170/125MSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD5612P Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button KAD5612P Datasheet HTML 4Page - List of Unclassifed Manufacturers KAD5612P Datasheet HTML 5Page - List of Unclassifed Manufacturers KAD5612P Datasheet HTML 6Page - List of Unclassifed Manufacturers KAD5612P Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD5612P Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD5612P Datasheet HTML 9Page - List of Unclassifed Manufacturers KAD5612P Datasheet HTML 10Page - List of Unclassifed Manufacturers KAD5612P Datasheet HTML 11Page - List of Unclassifed Manufacturers KAD5612P Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
KAD5612P
Rev 0.5.1 Preliminary
Page 8
Pin Descriptions
LVCMOS Output Mode Functionality is shown in brackets (NC = No Connection)
Pin #
LVDS [LVCMOS] Name
LVDS [LVCMOS] Function
1, 6, 19, 24, 71
AVDD
1.8V Analog Supply
2-5, 17, 18, 28-31
DNC
Do Not Connect
7, 10-12, 72
AVSS
Analog Ground
8, 9
BINP, BINN
B-Channel Analog Input Positive, Negative
15
VCM
Common Mode Output
16
CLKDIV
Clock Divider Control
20, 21
CLKP, CLKN
Clock Input True, Complement
22
OUTMODE
Output Mode (LVDS, LVCMOS)
23
NAPSLP
Power Control (Nap, Sleep modes)
25
RESETN
Power On Reset (Active Low)
26, 45, 55, 65
OVSS
Output Ground
27, 36, 56
OVDD
1.8V Output Supply
32, 33
D0N, D0P [NC, D0]
LVDS Bit 0 (LSB) Output Complement, True [NC, LVCMOS Bit 0]
34, 35
D1N, D1P [NC, D1]
LVDS Bit 1 Output Complement, True [NC, LVCMOS Bit 1]
37, 38
D2N, D2P [NC, D2]
LVDS Bit 2 Output Complement, True [NC, LVCMOS Bit 2]
39, 40
D3N, D3P [NC, D3]
LVDS Bit 3 Output Complement, True [NC, LVCMOS Bit 3]
41, 42
D4N, D4P [NC, D4]
LVDS Bit 4 Output Complement, True [NC, LVCMOS Bit 4]
43, 44
D5N, D5P [NC, D5]
LVDS Bit 5 Output Complement, True [NC, LVCMOS Bit 5]
46
RLVDS
LVDS Bias Resistor (connect to OVSS with a 10kΩ, 1% resistor)
47, 48
CLKOUTN, CLKOUTP [NC, CLKOUT]
LVDS Clock Output Complement, True [NC, LVCMOS CLKOUT]
49, 50
D6N, D6P [NC, D6]
LVDS Bit 6 Output Complement, True [NC, LVCMOS Bit 6]
51, 52
D7N, D7P [NC, D7]
LVDS Bit 7 Output Complement, True [NC, LVCMOS Bit 7]
53, 54
D8N, D8P [NC, D8]
LVDS Bit 8 Output Complement, True [NC, LVCMOS Bit 8]
57, 58
D9N, D9P [NC, D9]
LVDS Bit 9 Output Complement, True [NC, LVCMOS Bit 9]
59, 60
D10N, D10P [NC, D10]
LVDS Bit 10 Output Complement, True [NC, LVCMOS Bit 10]
61, 62
D11N, D11P [NC, D11]
LVDS Bit 11(MSB) Output Complement, True [NC, LVCMOS Bit 11]
63, 64
ORN, ORP [NC, OR]
LVDS Over Range Complement, True [NC, LVCMOS Over Range]
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
70
OUTFMT
Output Data Format (Two’s Comp., Gray Code, Offset Binary)
Exposed Paddle
AVSS
Analog Ground
66
SDO
SPI Serial Data Output (4.7kΩ pull-up to OVDD is required)
13, 14
AINN, AINP
A-Channel Analog Input Negative, Positive


Similar Part No. - KAD5612P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5612P INTERSIL-KAD5612P Datasheet
450Kb / 27P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P Datasheet
575Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
Renesas Technology Corp
KAD5612P RENESAS-KAD5612P Datasheet
1Mb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P INTERSIL-KAD5612P Datasheet
595Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
September 9, 2009
More results

Similar Description - KAD5612P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P_09 Datasheet
575Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P Datasheet
450Kb / 27P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P-25Q72 INTERSIL-KAD5612P-25Q72 Datasheet
595Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
September 9, 2009
logo
Renesas Technology Corp
KAD5612P RENESAS-KAD5612P Datasheet
1Mb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com