Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2981-30DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP2981-30DBVR
Description  100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2981-30DBVR Datasheet(HTML) 4 Page - Texas Instruments

  LP2981-30DBVR Datasheet HTML 1Page - Texas Instruments LP2981-30DBVR Datasheet HTML 2Page - Texas Instruments LP2981-30DBVR Datasheet HTML 3Page - Texas Instruments LP2981-30DBVR Datasheet HTML 4Page - Texas Instruments LP2981-30DBVR Datasheet HTML 5Page - Texas Instruments LP2981-30DBVR Datasheet HTML 6Page - Texas Instruments LP2981-30DBVR Datasheet HTML 7Page - Texas Instruments LP2981-30DBVR Datasheet HTML 8Page - Texas Instruments LP2981-30DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
LP2981
100-mA ULTRA-LOW DROPOUT REGULATOR
WITH SHUTDOWN
SLVS521E – JULY 2004 – REVISED MARCH 2008
over virtual junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Continuous input voltage range
–0.3
16
V
VON/OFF
ON/OFF input voltage range
–0.3
16
V
VO
Output voltage range(2)
–0.3
9
V
VIN – VOUT
Input/output voltage differential range(3)
–0.3
16
V
Internally limited
IOUT
Output current(4)
(short-circuit protected)
θ
JA
Package thermal impedance(4)(5)
206
°C/W
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
Human-Body Model (HBM)
2000
ESD
Electrostatic discharge protection
V
Machine Model (MM)
200
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If load is returned to a negative power supply, the output must be diode clamped to GND.
(3)
The PNP pass transistor has a parasitic diode connected between the input and output. This diode normally is reverse biased
(VIN > VOUT), but will be forward biased if the output voltage exceeds the input voltage by a diode drop (see Application Information for
more details).
(4)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(5)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VIN
Supply input voltage
2.2(1)
16
V
VON/OFF
ON/OFF input voltage
0
VIN
V
VIN – VOUT
Input-output differential
0.7
11
V
IOUT
Output current
100
mA
TJ
Virtual junction temperature
–40
125
°C
(1)
Minimum VIN of 2.2 V is needed for proper biasing of LDO control circuitry.
4
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated


Similar Part No. - LP2981-30DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981-30DBVR TI-LP2981-30DBVR Datasheet
194Kb / 12P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-30DBVR TI1-LP2981-30DBVR Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-30DBVR TI1-LP2981-30DBVR Datasheet
787Kb / 17P
[Old version datasheet]   ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-30DBVR TI1-LP2981-30DBVR Datasheet
1Mb / 22P
[Old version datasheet]   100-mA Ultra-Low Dropout Regulators With Shutdown
LP2981-30DBVRE4 TI-LP2981-30DBVRE4 Datasheet
194Kb / 12P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
More results

Similar Description - LP2981-30DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981 TI1-LP2981 Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-33DBVR TI1-LP2981-33DBVR Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
781Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-29 TI-LP2981-29 Datasheet
248Kb / 14P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
194Kb / 12P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981_07 Datasheet
267Kb / 15P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-28 TI1-LP2981-28 Datasheet
1Mb / 22P
[Old version datasheet]   100-mA Ultra-Low Dropout Regulators With Shutdown
LP2981 TI1-LP2981_16 Datasheet
787Kb / 17P
[Old version datasheet]   ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com