Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA15-11SRWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # SA15-11SRWA
Description  38mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA15-11SRWA Datasheet(HTML) 1 Page - Kingbright Corporation

  SA15-11SRWA Datasheet HTML 1Page - Kingbright Corporation SA15-11SRWA Datasheet HTML 2Page - Kingbright Corporation SA15-11SRWA Datasheet HTML 3Page - Kingbright Corporation SA15-11SRWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAA5818
REV NO: V.11
DATE: NOV/02/2006
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: Z.Z.YANG
ERP:1301000199
38mm (1.5INCH) SINGLE DIGIT NUMERIC
DISPLAY
Package Dimensions & Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ± 0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
Part Number: SA15-11SRWA
SUPER BRIGHT RED
Description
The Super Bright Red source color devices are made
with Gallium Aluminum Arsenide Red Light Emitting
Diode.
Features
1.5 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
HIGH LIGHT OUTPUT.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MULTICOLOR AVAILABLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.


Similar Part No. - SA15-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA15-11SRWA KINGBRIGHT-SA15-11SRWA Datasheet
671Kb / 5P
   38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SA15-11SRWA KINGBRIGHT-SA15-11SRWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA15-11SRWA KINGBRIGHT-SA15-11SRWA_07 Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA15-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC15-11SRWA KINGBRIGHT-SC15-11SRWA_06 Datasheet
126Kb / 4P
   38mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11SRWA KINGBRIGHT-SC15-11SRWA Datasheet
215Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA15-11GWA KINGBRIGHT-SA15-11GWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11YWA KINGBRIGHT-SC15-11YWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA15-11EWA KINGBRIGHT-SA15-11EWA Datasheet
218Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SBC15-11EGWA KINGBRIGHT-SBC15-11EGWA Datasheet
296Kb / 7P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SBA15-11EGWA KINGBRIGHT-SBA15-11EGWA Datasheet
296Kb / 7P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11EWA KINGBRIGHT-SC15-11EWA Datasheet
217Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA15-11SRWA KINGBRIGHT-SA15-11SRWA_07 Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com