Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5688 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 1 Page - Texas Instruments

  DAC5688 Datasheet HTML 1Page - Texas Instruments DAC5688 Datasheet HTML 2Page - Texas Instruments DAC5688 Datasheet HTML 3Page - Texas Instruments DAC5688 Datasheet HTML 4Page - Texas Instruments DAC5688 Datasheet HTML 5Page - Texas Instruments DAC5688 Datasheet HTML 6Page - Texas Instruments DAC5688 Datasheet HTML 7Page - Texas Instruments DAC5688 Datasheet HTML 8Page - Texas Instruments DAC5688 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
DAC5688
SLLS880A – DECEMBER 2007 – REVISED MARCH 2008
www.ti.com
16-BIT, 800 MSPS 2x–8x INTERPOLATING DUAL-CHANNEL
DIGITAL-TO-ANALOG CONVERTER (DAC)
• Dual, 16-Bit, 800 MSPS DACs
The DAC5688 is a dual-channel 16-bit 800 MSPS
digital-to-analog converter (DAC) with dual CMOS
• Dual, 16-Bit, 250 MSPS CMOS Input Data
digital data bus, integrated 2x-8x interpolation filters,
16 Sample Input FIFO
a
fine
frequency
mixer
with
32-bit
complex
Flexible input data bus options
numerically controlled oscillator (NCO), on-board
• High Performance
clock
multiplier,
IQ
compensation,
and
internal
voltage reference. Different modes of operation
81 dBc ACLR WCDMA TM1 at 70 MHz
enable or bypass various signal processing blocks.
• 2x-32x Clock Multiplying PLL/VCO
The
DAC5688
offers
superior
linearity,
noise,
• Selectable 2x–8x Interpolation Filters
crosstalk and PLL phase noise performance.
Stop-band Attenuation > 80 dB
The DAC5688 dual CMOS data bus provides 250
• Complex Mixer with 32-Bit NCO
MSPS input data transfer per DAC channel. Several
input data options are available: dual-bus data,
• Digital Quadrature Modulator Correction
single-bus
interleaved
data,
even
and
odd
Gain, Phase and Offset Correction
multiplexing at half-rate, and an input FIFO with either
• Digital Inverse SINC Filter
external or internal clock to ease interface timing.
Input data can interpolated 2x, 4x or 8x by on-board
• 3- or 4-Wire Serial Control Interface
digital interpolating FIR filters with over 80 dB of
• On Chip 1.2-V Reference
stop-band attenuation.
• Differential Scalable Output: 2 to 20 mA
The DAC5688 allows both complex or real output. An
• Package: 64-pin 9×9mm QFN
optional 32-bit NCO/mixer in complex mode provides
frequency upconversion and the dual DAC output
produces a complex Hilbert Transform pair. A digital
Inverse SINC filter compensates for natural DAC
• Cellular Base Stations
Sin(X)/X frequency roll-off. The digital Quadrature
• Broadband Wireless Access (BWA)
Modulator
Correction
(QMC)
feature
allows
IQ
• WiMAX 802.16
compensation of phase, gain and offset to maximize
• Fixed Wireless Backhaul
sideband rejection and minimize LO feed-through of
• Cable Modem Termination System (CMTS)
an external quadrature modulator performing the final
single sideband RF up-conversion.
The DAC5688 is characterized for operation over the
industrial temperature range of -40
°C to 85°C and is
available in a 64-pin 9x9mm QFN package.
ORDERING INFORMATION(1)
Order Code
Package Qty
Package
TA = –40°C to 85°C
Tape and Reel Format
Drawing/Type(2) (3)
DAC5688IRGCT
250
RGC / 64QFN
DAC5688IRGCR
2000
Quad Flatpack No-Lead
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Thermal Pad Size: 7,4 mm
× 7,4 mm
(3)
MSL Peak Temperature: Level-3-260C-168 HR
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC5688

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5688 TI-DAC5688 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688IRGC25 TI-DAC5688IRGC25 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688IRGCR TI-DAC5688IRGCR Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688IRGCRG4 TI-DAC5688IRGCRG4 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Similar Description - DAC5688

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_15 Datasheet
1Mb / 65P
[Old version datasheet]   DAC3282 16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com