Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24085 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24085
Description  750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24085 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24085 Datasheet HTML 1Page - Texas Instruments BQ24085 Datasheet HTML 2Page - Texas Instruments BQ24085 Datasheet HTML 3Page - Texas Instruments BQ24085 Datasheet HTML 4Page - Texas Instruments BQ24085 Datasheet HTML 5Page - Texas Instruments BQ24085 Datasheet HTML 6Page - Texas Instruments BQ24085 Datasheet HTML 7Page - Texas Instruments BQ24085 Datasheet HTML 8Page - Texas Instruments BQ24085 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
IN
STAT1
CE
6
STAT2
V
SS
ISET
PG
TMR
BAT
bq24085
10
9
8
7
5
1
2
3
4
OUT
IN
STAT 1
CE
OUT
Li-IonorLi-Pol
BatteryPack
+
Pack-
Pack+
STAT 2
Vss
ISET
PG
RED
GREEN
RSET
TMR
RTMR
1
2
3
4
5
6
7
8
9
10
BAT
ChargeEnable
andPowerGood
InputPower
R2
1.5kW
R1
1.5kW
bq24085
1 F
m
C2
49.9kW
1.13kW
C3
4.7 F
m
bq24085, bq24086
bq24087, bq24088
www.ti.com .................................................................................................................................................... SLUS784B – DECEMBER 2007 – REVISED MAY 2008
750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
WITH THERMAL REGULATION
• Ideal for Low-Dropout Designs for Single-Cell
Li-Ion or Li-Pol Packs in Space Limited
The bq24085/6/7/8 series are highly integrated Li-Ion
Applications
and Li-Pol linear chargers, targeted at space-limited
portable applications. The bq24085/6/7/8 series offers
• Integrated Power FET and Current Sensor for
a variety of safety features and functional options,
up to 750-mA Charge Applications
while still implementing a complete charging system
• Reverse Leakage Protection Prevents Battery
in a small package. The battery is charged in three
Drainage
phases: conditioning, constant or thermally regulated
• ±0.5% Voltage Regulation Accuracy
current, and constant voltage. Charge is terminated
based
on
minimum
current.
An
internal
• Thermal Regulation Maximizes Charge Rate
programmable charge timer provides a backup safety
• Charge Termination by Minimum Current and
feature for charge termination and is dynamically
Time
adjusted during the thermal regulation phase. The
• Precharge Conditioning With Safety Timer
bq24085/6/7/8 automatically restarts the charge if the
battery voltage falls below an internal threshold; sleep
• Status Outputs for LED or System Interface
mode is set when the external input supply is
Indicate Charge, Fault, and Power Good
removed. Multiple versions of this device family
Outputs
enable easy design of the bq24085/6/7/8 in cradle
• Short-Circuit and Thermal Protection
chargers or in the end equipment, while using low
cost or high-end AC adapters.
• Automatic Sleep Mode for Low Power
Consumption
Pin Out
• Small 3×3 mm MLP Package
(Top View)
• Selectable Battery Insertion and Battery
Absent Detection
• Input Overvoltage Protection
6.5 V and 10.5 V Options
• PDA, MP3 Players, Digital Cameras
• Internet Appliances and Handheld Devices
TYPICAL APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24085 TI1-bq24085 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24085DRCR TI1-BQ24085DRCR Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24085DRCR TI1-BQ24085DRCR Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085DRCRG4 TI-BQ24085DRCRG4 Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
More results

Similar Description - BQ24085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com