Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-21UBC-B040-TR8-AM Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 67-21UBC-B040-TR8-AM
Description  Technical Data Sheet -Top View LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21UBC-B040-TR8-AM Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  67-21UBC-B040-TR8-AM Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21UBC-B040-TR8-AM Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21UBC-B040-TR8-AM Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21UBC-B040-TR8-AM Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21UBC-B040-TR8-AM Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21UBC-B040-TR8-AM Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21UBC-B040-TR8-AM Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21UBC-B040-TR8-AM Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21UBC-B040-TR8-AM Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet –Top View LED
67-21UBC/B040/TR8/AM
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 3 of
10
Device No. : DSE-671-429
prepared date: 19-Oct-2006
Prepared by: Rita Shen
Absolute Maximum Ratings (Ta=25 )
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
100
mA
Power Dissipation
Pd
150
mW
Junction Temperature
Tj
125
Operating Temperature
Topr
-40 ~ +100
Storage Temperature
Tstg
-40 ~ +110
Soldering Temperature
Tsol
Reflow Soldering : 260
for 10 sec.
Hand Soldering : 350
for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Notes:
1. Tolerance of Luminous Intensity:±11%
2. Tolerance of Dominant Wavelength ±1nm
3. Tolerance of Forward Voltage ±0.1V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
6.3
-----
20
mcd
IF=10mA
Viewing Angle
2θ1/2
-----
120
-----
deg
IF=10mA
Peak Wavelength
λp
-----
428
-----
nm
IF=10mA
Dominant Wavelength
λd
463
------
472
nm
IF=10mA
Spectrum Radiation
Bandwidth
Δλ
-----
65
-----
nm
IF=10mA
Forward Voltage
VF
2..8
-----
4.2
V
IF=10mA
Reverse Current
IR
-----
-----
10
μ
A
VR=5V


Similar Part No. - 67-21UBC-B040-TR8-AM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21UBC-C430-TR8 EVERLIGHT-67-21UBC-C430-TR8 Datasheet
140Kb / 9P
   TOP View LEDs
67-21UBC-C430-TR8 EVERLIGHT-67-21UBC-C430-TR8 Datasheet
151Kb / 9P
   TOP View LEDs
67-21UBC-C430-TR8 EVERLIGHT-67-21UBC-C430-TR8_04 Datasheet
151Kb / 9P
   TOP View LEDs
More results

Similar Description - 67-21UBC-B040-TR8-AM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-31B-GHC-YX2Y2MZ3-2T EVERLIGHT-67-31B-GHC-YX2Y2MZ3-2T Datasheet
131Kb / 10P
   Technical Data Sheet Power Top View LED
67-31AUBC-B001-TR8 EVERLIGHT-67-31AUBC-B001-TR8 Datasheet
242Kb / 9P
   Technical Data Sheet (Preliminary) Power Top View LED
GBC-YV2W2N EVERLIGHT-GBC-YV2W2N Datasheet
269Kb / 10P
   Technical Data Sheet Top View LEDs
Y2C-AP2R2L EVERLIGHT-Y2C-AP2R2L Datasheet
242Kb / 10P
   Technical Data Sheet Top View LEDs
R6C-AU2W1B EVERLIGHT-R6C-AU2W1B Datasheet
161Kb / 10P
   Technical Data Sheet Top View LEDs
67-31F-RSC-AX2Y2B9Z5-CT EVERLIGHT-67-31F-RSC-AX2Y2B9Z5-CT Datasheet
209Kb / 10P
   Technical Data Sheet Power Top View LED With Lens
67-31F-YSC-CX2Y1B9Z5-BT EVERLIGHT-67-31F-YSC-CX2Y1B9Z5-BT Datasheet
182Kb / 10P
   Technical Data Sheet Power Top View LED With Lens.
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
67-21R6C-AP2R1B2A0 EVERLIGHT-67-21R6C-AP2R1B2A0 Datasheet
204Kb / 10P
   Technical Data Sheet Reverse Top View LEDs
B7C-AS2U1N EVERLIGHT-B7C-AS2U1N_13 Datasheet
284Kb / 10P
   Technical Data Sheet Reverse Package Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com