Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-21SUBC-S400-A4-TR8 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 67-21SUBC-S400-A4-TR8
Description  TOP View LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21SUBC-S400-A4-TR8 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  67-21SUBC-S400-A4-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21SUBC-S400-A4-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21SUBC-S400-A4-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21SUBC-S400-A4-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21SUBC-S400-A4-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21SUBC-S400-A4-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21SUBC-S400-A4-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21SUBC-S400-A4-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21SUBC-S400-A4-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 3
Page: 6 of 9
Device No. : DSE-671-214
prepared date:07-29-2005
Prepared by: Bennett
67-21SUBC/S400-XX/TR8
Carrier Tape Dimensions: Loaded quantity 2000 PCS per reel.
Note: The tolerances unless mentioned is ±0.1mm , Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 67-21SUBC-S400-A4-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
More results

Similar Description - 67-21SUBC-S400-A4-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
67-21SURC A-BRIGHT-67-21SURC Datasheet
253Kb / 5P
   Top View LEDs
2009/2/20
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
61-238-RSGBB7C-B02-ET EVERLIGHT-61-238-RSGBB7C-B02-ET Datasheet
337Kb / 14P
   Top View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
45-21UFC EVERLIGHT-45-21UFC Datasheet
253Kb / 14P
   Top View LEDs
67-21-G4C-BQ1T2N-2T EVERLIGHT-67-21-G4C-BQ1T2N-2T Datasheet
136Kb / 10P
   TOP View LEDs
67-21SUGC-S400-A4-TR8 EVERLIGHT-67-21SUGC-S400-A4-TR8 Datasheet
205Kb / 9P
   TOP View LEDs
67-21-T6C-MU2W1E-2T EVERLIGHT-67-21-T6C-MU2W1E-2T Datasheet
236Kb / 12P
   Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com